Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCF52235 Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # MCF52235
Description  ColdFire Microcontroller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCF52235 Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button MCF52235 Datasheet HTML 4Page - Freescale Semiconductor, Inc MCF52235 Datasheet HTML 5Page - Freescale Semiconductor, Inc MCF52235 Datasheet HTML 6Page - Freescale Semiconductor, Inc MCF52235 Datasheet HTML 7Page - Freescale Semiconductor, Inc MCF52235 Datasheet HTML 8Page - Freescale Semiconductor, Inc MCF52235 Datasheet HTML 9Page - Freescale Semiconductor, Inc MCF52235 Datasheet HTML 10Page - Freescale Semiconductor, Inc MCF52235 Datasheet HTML 11Page - Freescale Semiconductor, Inc MCF52235 Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 54 page
background image
MCF52235 ColdFire Microcontroller Data Sheet, Rev. 7
MCF52235 Family Configurations
Freescale Semiconductor
8
— Unique vector number for each interrupt source
— Ability to mask any individual interrupt source or all interrupt sources (global mask-all)
— Support for hardware and software interrupt acknowledge (IACK) cycles
— Combinatorial path to provide wake-up from low power modes
•
DMA controller
— Four fully programmable channels
— Dual-address transfer support with 8-, 16-, and 32-bit data capability, along with support for 16-byte (4 x 32-bit)
burst transfers
— Source/destination address pointers that can increment or remain constant
— 24-bit byte transfer counter per channel
— Auto-alignment transfers supported for efficient block movement
— Bursting and cycle steal support
— Software-programmable DMA requesters for the UARTs (3) and 32-bit timers (4)
•
Reset
— Separate reset in and reset out signals
— Seven sources of reset:
–
Power-on reset (POR)
–
External
–Software
–
Watchdog
–
Loss of clock
–
Loss of lock
–
Low-voltage detection (LVD)
— Status flag indication of source of last reset
•
Chip integration module (CIM)
— System configuration during reset
— Selects one of three clock modes
— Configures output pad drive strength
— Unique part identification number and part revision number
•
General purpose I/O interface
— Up to 56 bits of general purpose I/O
— Bit manipulation supported via set/clear functions
— Programmable drive strengths
— Unused peripheral pins may be used as extra GPIO
•
JTAG support for system level board testing
1.2.2
V2 Core Overview
The version 2 ColdFire processor core is comprised of two separate pipelines decoupled by an instruction buffer. The two-stage
instruction fetch pipeline (IFP) is responsible for instruction-address generation and instruction fetch. The instruction buffer is
a first-in-first-out (FIFO) buffer that holds prefetched instructions awaiting execution in the operand execution pipeline (OEP).
The OEP includes two pipeline stages. The first stage decodes instructions and selects operands (DSOC); the second stage
(AGEX) performs instruction execution and calculates operand effective addresses, if needed.
The V2 core implements the ColdFire instruction set architecture revision A+ with added support for a separate user stack
pointer register and four new instructions to assist in bit processing. Additionally, the MCF52235 core includes the enhanced
multiply-accumulate (EMAC) unit for improved signal processing capabilities. The EMAC implements a three-stage arithmetic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com