Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCF52235 Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # MCF52235
Description  ColdFire Microcontroller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCF52235 Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button MCF52235 Datasheet HTML 9Page - Freescale Semiconductor, Inc MCF52235 Datasheet HTML 10Page - Freescale Semiconductor, Inc MCF52235 Datasheet HTML 11Page - Freescale Semiconductor, Inc MCF52235 Datasheet HTML 12Page - Freescale Semiconductor, Inc MCF52235 Datasheet HTML 13Page - Freescale Semiconductor, Inc MCF52235 Datasheet HTML 14Page - Freescale Semiconductor, Inc MCF52235 Datasheet HTML 15Page - Freescale Semiconductor, Inc MCF52235 Datasheet HTML 16Page - Freescale Semiconductor, Inc MCF52235 Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 54 page
background image
MCF52235 Family Configurations
MCF52235 ColdFire Microcontroller Data Sheet, Rev. 7
Freescale Semiconductor
13
•
Low-voltage detector (LVD)
Control of the LVD and its associated reset and interrupt are managed by the reset controller. Other registers provide status flags
indicating the last source of reset and a control bit for software assertion of the RSTO pin.
1.2.22
GPIO
Nearly all pins on the MCF52235 have general purpose I/O capability in addition to their primary functions and are grouped
into 8-bit ports. Some ports do not utilize all 8 bits. Each port has registers that configure, monitor, and control the port pins.
1.2.23
Part Numbers and Packaging
Package Pinouts
Table 2. Orderable Part Number Summary
Freescale Part
Number
Description
Speed
(MHz)
Flash/SRAM
(Kbytes)
Package
Temp range
(
°C)
MCF52230CAF60
MCF52230 Microcontroller
60
128 / 32
80 LQFP
-40 to +85
MCF52230CAL60
MCF52230 Microcontroller
60
128 / 32
112 LQFP
-40 to +85
MCF52231CAF60
MCF52231 Microcontroller, FlexCAN
60
128 / 32
80 LQFP
-40 to +85
MCF52231CAL60
MCF52231 Microcontroller, FlexCAN
60
128 / 32
112 LQFP
-40 to +85
MCF52232CAF50
MCF52232 Microcontroller
50
128 / 32
80 LQFP
-40 to +85
MCF52232AF50
MCF52232 Microcontroller
50
128 / 32
80 LQFP
0 to +70
MCF52233CAF60
MCF52233 Microcontroller
60
256 / 32
80 LQFP
-40 to +85
MCF52233CAL60
MCF52233 Microcontroller
60
256 / 32
112 LQFP
-40 to +85
MCF52234CAL60
MCF52234 Microcontroller, FlexCAN
60
256 / 32
112 LQFP
-40 to +85
MCF52234CVM60
MCF52234 Microcontroller, FlexCAN
60
256 / 32
121 MAPBGA
-40 to +85
MCF52235CAL60
MCF52235 Microcontroller, FlexCAN, CAU, RNGA
60
256 / 32
112 LQFP
-40 to +85
MCF52235CVM60 MCF52235 Microcontroller, FlexCAN, CAU, RNGA
60
256 / 32
121 MAPBGA
-40 to +85
MCF52236CAF50
MCF52236 Microcontroller
50
256 / 32
80 LQFP
-40 to +85
MCF52236AF50
MCF52236 Microcontroller
50
256 / 32
80 LQFP
0 to +70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com