Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS3045G-TR Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPS3045G-TR
Description  POWER SCHOTTKY RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS3045G-TR Datasheet(HTML) 1 Page - STMicroelectronics

  STPS3045G-TR Datasheet HTML 1Page - STMicroelectronics STPS3045G-TR Datasheet HTML 2Page - STMicroelectronics STPS3045G-TR Datasheet HTML 3Page - STMicroelectronics STPS3045G-TR Datasheet HTML 4Page - STMicroelectronics STPS3045G-TR Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
STPS3045G
®
October 1999 - Ed: 4A
POWER SCHOTTKY RECTIFIER
IF(AV)
30 A
VRRM
45 V
Tj (max)
175°C
VF (max)
0.63 V
MAIN PRODUCT CHARACTERISTICS
VERY SMALL CONDUCTION LOSSES
NEGLIGIBLE SWITCHING LOSSES
EXTREMELY FAST SWITCHING
LOW THERMAL RESISTANCE
HIGH DISSIPATION MINIATURE PACKAGE
FEATURES AND BENEFITS
Single Schottky rectifier suited for switchmode
power supply and high frequency DC to DC con-
verters.
Packaged in D
2PAK surface mount package , this
device is intended for use in low voltage, high fre-
quency inverters, free wheeling and polarity pro-
tection applications.
DESCRIPTION
D
2PAK
K
A
A
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
45
V
IF(RMS)
RMS forward current
50
A
IF(AV)
Average forward current
Tc = 150°C
δ = 0.5
30
A
IFSM
Surge non repetitive forward current
tp = 10 ms
Sinusoidal
200
A
IRRM
Repetitive peak reverse current
tp = 2
µs
F = 1kHz square
1A
IRSM
Non Repetitive peak reverse current
tp = 100
µs square
3
A
Tstg
Storage temperature range
- 65 to + 175
°C
Tj
Maximum operating junction temperature*
175
°C
dV/dt
Critical rate of rise of reverse voltage
10000
V/
µs
ABSOLUTE RATINGS (limiting values)
* :
dPtot
dTj
<
1
Rth
(j
−a)
thermal runaway condition for a diode on its own heatsink
1/5


Similar Part No. - STPS3045G-TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS3045C STMICROELECTRONICS-STPS3045C Datasheet
525Kb / 13P
Power Schottky rectifier
02-Aug-2016
STPS3045C-Y STMICROELECTRONICS-STPS3045C-Y Datasheet
114Kb / 7P
Automotive power Schottky rectifier
24-May-2011
STPS3045CFP STMICROELECTRONICS-STPS3045CFP Datasheet
196Kb / 9P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS3045CG STMICROELECTRONICS-STPS3045CG Datasheet
196Kb / 9P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS3045CG STMICROELECTRONICS-STPS3045CG Datasheet
284Kb / 9P
POWER SCHOTTKY RECTIFIER
Aug-2002
More results

Similar Description - STPS3045G-TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS1045D STMICROELECTRONICS-STPS1045D Datasheet
87Kb / 5P
POWER SCHOTTKY RECTIFIER
Sep-1999
STPS140A STMICROELECTRONICS-STPS140A Datasheet
75Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-1998
STPS140Z STMICROELECTRONICS-STPS140Z Datasheet
53Kb / 5P
POWER SCHOTTKY RECTIFIER
May-1999
STPS1L60 STMICROELECTRONICS-STPS1L60 Datasheet
65Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS2L60 STMICROELECTRONICS-STPS2L60 Datasheet
65Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS3L60 STMICROELECTRONICS-STPS3L60 Datasheet
69Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS41L60CG STMICROELECTRONICS-STPS41L60CG Datasheet
100Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS640CT STMICROELECTRONICS-STPS640CT Datasheet
75Kb / 6P
POWER SCHOTTKY RECTIFIER
Aug-1999
STPS1645D STMICROELECTRONICS-STPS1645D Datasheet
47Kb / 4P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS30M60S STMICROELECTRONICS-STPS30M60S Datasheet
178Kb / 9P
Power Schottky rectifier
14-Oct-2011
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com