Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF630 Datasheet(PDF) 1 Page - STMicroelectronics

Part # IRF630
Description  N-channel 200V - 0.35Ω - 9A TO-220/TO-220FP Mesh overlay??II Power MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IRF630 Datasheet(HTML) 1 Page - STMicroelectronics

  IRF630 Datasheet HTML 1Page - STMicroelectronics IRF630 Datasheet HTML 2Page - STMicroelectronics IRF630 Datasheet HTML 3Page - STMicroelectronics IRF630 Datasheet HTML 4Page - STMicroelectronics IRF630 Datasheet HTML 5Page - STMicroelectronics IRF630 Datasheet HTML 6Page - STMicroelectronics IRF630 Datasheet HTML 7Page - STMicroelectronics IRF630 Datasheet HTML 8Page - STMicroelectronics IRF630 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
August 2006
Rev 9
1/14
14
IRF630
IRF630FP
N-channel 200V - 0.35
Ω - 9A TO-220/TO-220FP
Mesh overlay™ II Power MOSFET
General features
■ Extremely high dv/dt capability
■ Very low intrinsic capacitances
■ Gate charge minimized
Description
This power MOSFET is designed using the
company’s consolidated strip layout-based MESH
OVERLAY™ process. This technology matches
and improves the performances compared with
standard parts from various sources.
Applications
■ Switching application
Internal schematic diagram
Type
VDSS
RDS(on)
ID
IRF630
200V
<0.40
Ω
9A
IRF630FP
200V
<0.40
Ω
9A
TO-220
TO-220FP
1
2
3
1
2
3
www.st.com
Order codes
Part number
Marking
Package
Packaging
IRF630
IRF630
TO-220
Tube
IRF630FP
IRF630FP
TO-220FP
Tube


Similar Part No. - IRF630

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IRF630 PHILIPS-IRF630 Datasheet
97Kb / 9P
N-channel TrenchMOS transistor
August 1999 Rev 1.100
logo
STMicroelectronics
IRF630 STMICROELECTRONICS-IRF630 Datasheet
104Kb / 9P
N - CHANNEL 200V - 0.35ihm - 9A - TO-220/FP MESH OVERLAY] MOSFET
Feb-1999
logo
Fairchild Semiconductor
IRF630 FAIRCHILD-IRF630 Datasheet
177Kb / 6P
N-Channel Power MOSFETs, 12A, 150-200 V
logo
Intersil Corporation
IRF630 INTERSIL-IRF630 Datasheet
62Kb / 7P
9A, 200V, 0.400 Ohm, N-Channel Power MOSFETs
June 1999
logo
International Rectifier
IRF630 IRF-IRF630 Datasheet
176Kb / 6P
Power MOSFET(Vdss=200V, Rds(on)=0.40ohm, Id=9.0A)
More results

Similar Description - IRF630

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
IRF630 STMICROELECTRONICS-IRF630 Datasheet
104Kb / 9P
N - CHANNEL 200V - 0.35ihm - 9A - TO-220/FP MESH OVERLAY] MOSFET
Feb-1999
IRF630S STMICROELECTRONICS-IRF630S Datasheet
85Kb / 8P
N - CHANNEL 200V - 0.35ohm - 9A - D2PAK MESH OVERLAY] MOSFET
Dec-1998
IRF634 STMICROELECTRONICS-IRF634 Datasheet
333Kb / 9P
N-CHANNEL 250V - 0.38ohm - 8A TO-220/TO-220FP MESH OVERLAY™ MOSFET
Jul-2001
IRF640 STMICROELECTRONICS-IRF640 Datasheet
107Kb / 9P
N - CHANNEL 200V - 0.150ohm - 18A TO-220/TO-220FP MESH OVERLAY] MOSFET
Oct-1999
STP16NS25 STMICROELECTRONICS-STP16NS25 Datasheet
330Kb / 9P
N-CHANNEL 250V - 0.23ohm - 16A TO-220 / TO-220FP MESH OVERLAY™ MOSFET
May-2002
STP8NS25 STMICROELECTRONICS-STP8NS25 Datasheet
329Kb / 9P
N-CHANNEL 250V - 0.38ohm - 8A TO-220/TO-220FP MESH OVERLAY™ MOSFET
Apr-2001
IRF630M STMICROELECTRONICS-IRF630M Datasheet
343Kb / 9P
N-CHANNEL 200V - 0.35W - 9A TO-220/TO-220FP MESH OVERLAY MOSFET
Oct-2001
STB19NF20 STMICROELECTRONICS-STB19NF20 Datasheet
535Kb / 16P
N-channel 200V - 0.15廓 - 15A - TO-220 - D2PAK - TO-220FP MESH OVERLAY??Power MOSFET
16-Feb-2007
IRF630M STMICROELECTRONICS-IRF630M_06 Datasheet
326Kb / 14P
N-channel 200V - 0.35Ω - 9A - TO-220 /TO-220FP Mesh Overlay??Power MOSFET
28-Jun-2006
IRF-634 STMICROELECTRONICS-IRF-634 Datasheet
326Kb / 14P
N-channel 250V - 0.38Ω - 8A TO-220 /TO-220FP Mesh Overlay™ Power MOSFET
28-Jun-2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com