Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSC7119 Datasheet(PDF) 56 Page - Freescale Semiconductor, Inc

Part # MSC7119
Description  Low-Cost 16-bit DSP with DDR Controller and 10/100 Mbps Ethernet MAC
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC7119 Datasheet(HTML) 56 Page - Freescale Semiconductor, Inc

Back Button MSC7119 Datasheet HTML 52Page - Freescale Semiconductor, Inc MSC7119 Datasheet HTML 53Page - Freescale Semiconductor, Inc MSC7119 Datasheet HTML 54Page - Freescale Semiconductor, Inc MSC7119 Datasheet HTML 55Page - Freescale Semiconductor, Inc MSC7119 Datasheet HTML 56Page - Freescale Semiconductor, Inc MSC7119 Datasheet HTML 57Page - Freescale Semiconductor, Inc MSC7119 Datasheet HTML 58Page - Freescale Semiconductor, Inc MSC7119 Datasheet HTML 59Page - Freescale Semiconductor, Inc MSC7119 Datasheet HTML 60Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 56 / 60 page
background image
MSC7119 Data Sheet, Rev. 8
Hardware Design Considerations
Freescale Semiconductor
56
3.5.3
General Routing
The general routing considerations for the DDR are as follows:
•
All DDR signals must be routed next to a solid reference:
— For data, next to solid ground planes.
— For address/command, power planes if necessary.
•
All DDR signals must be impedance controlled. This is system dependent, but typical values are 50–60 ohm.
•
Minimize other cross-talk opportunities. As possible, maintain at least a four times the trace width spacing between all
DDR signals to non-DDR signals.
•
Keep the number of vias to a minimum to eliminate additional stubs and capacitance.
•
Signal group routing priorities are as follows:
— DDR clocks.
— Route MVTT/MVREF.
— Data group.
— Command/address.
•
Minimize data bit jitter by trace matching.
3.5.4
Routing Clock Distribution
The DDR clock distribution considerations are as follows:
•
DDR controller supports six clock pairs:
— 2 DIMM modules.
— Up to 36 discrete chips.
•
For route traces as for any other differential signals:
— Maintain proper difference pair spacing.
— Match pair traces within 25 mm.
•
Match all clock traces to within 100 mm.
•
Keep all clocks equally loaded in the system.
•
Route clocks on inner critical layers.
3.5.5
Data Routing
The DDR data routing considerations are as follows:
•
Route each data group (8-bits data + DQS + DM) on the same layer. Avoid switching layers within a byte group.
•
Take care to match trace lengths, which is extremely important.
•
To make trace matching easier, let adjacent groups be routed on alternate critical layers.
•
Pin swap bits within a byte group to facilitate routing (discrete case).
•
Tight trace matching is recommended within the DDR data group. Keep each 8-bit datum and its DM signal within ±
25 mm of its respective strobe.
•
Minimize lengths across the entire DDR channel:
— Between all groups maintain a delta of no more than 500 mm.
— Allows greater flexibility in the design for readjustments as needed.
•
DDR data group separation:
— If stack-up allows, keep DDR data groups away from the address and control nets.
— Route address and control on separate critical layers.
— If resistor networks (RNs) are used, attempt to keep data and command lines in separate packages.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com