Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSC7119 Datasheet(PDF) 57 Page - Freescale Semiconductor, Inc

Part # MSC7119
Description  Low-Cost 16-bit DSP with DDR Controller and 10/100 Mbps Ethernet MAC
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC7119 Datasheet(HTML) 57 Page - Freescale Semiconductor, Inc

Back Button MSC7119 Datasheet HTML 52Page - Freescale Semiconductor, Inc MSC7119 Datasheet HTML 53Page - Freescale Semiconductor, Inc MSC7119 Datasheet HTML 54Page - Freescale Semiconductor, Inc MSC7119 Datasheet HTML 55Page - Freescale Semiconductor, Inc MSC7119 Datasheet HTML 56Page - Freescale Semiconductor, Inc MSC7119 Datasheet HTML 57Page - Freescale Semiconductor, Inc MSC7119 Datasheet HTML 58Page - Freescale Semiconductor, Inc MSC7119 Datasheet HTML 59Page - Freescale Semiconductor, Inc MSC7119 Datasheet HTML 60Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 57 / 60 page
background image
Ordering Information
MSC7119 Data Sheet, Rev. 8
Freescale Semiconductor
57
3.6
Connectivity Guidelines
This section summarizes the connections and special conditions, such as pull-up or pull-down resistors, for the MSC7119
device. Following are guidelines for signal groups and configuration settings:
•
Clock and reset signals.
— SWTE is used to configure the MSC7119 device and is sampled on the deassertion of PORESET, so it should be
tied to VDDC or GND either directly or through pull-up or pull-down resistors until PORESET is deasserted. After
PORESET
, this signal can be left floating.
— BM[0–1] configure the MSC7119 device and are sampled until PORESET is deasserted, so they should be tied to
VDDIO or GND either directly or through pull-up or pull-down resistors.
— HRESET should be pulled up.
•
Interrupt signals. When used, IRQ pins must be pulled up.
•
HDI16 signals.
— When they are configured for open-drain, the HREQ/HREQ or HTRQ/HTRQ signals require a pull-up resistor.
However, these pins are also sampled at power-on reset to determine the HDI16 boot mode and may need to be
pulled down. When these pins must be pulled down on reset and pulled up otherwise, a buffer can be used with
the HRESET signal as the enable.
— When the device boots through the HDI16, the HDDS, HDSP and H8BIT pins should be pulled up or down,
depending on the required boot mode settings.
•
Ethernet MAC/TDM2 signals. The MDIO signal requires an external pull-up resistor.
•
I2C signals. The SCL and SDA signals, when programmed for I2C, requires an external pull-up resistor.
•
General-purpose I/O (GPIO) signals. An unused GPIO pin can be disconnected. After boot, program it as an output
pin.
•
Other signals.
—The TEST0 pin must be connected to ground.
—The TPSEL pin should be pulled up to enable debug access via the EOnCE port and pulled down for boundary
scan.
— Pins labelled NO CONNECT (NC) must not be connected.
— When a 16-pin double data rate (DDR) interface is used, the 16 unused data pins should be no connects (floating)
if the used lines are terminated.
— Do not connect DBREQ to DONE (as you would for the MSC8101 device). Connect DONE to one of the EVNT
pins, and DBREQ to HRRQ.
4
Ordering Information
Consult a Freescale Semiconductor sales office or authorized distributor to determine product availability and place an order.
Part
Supply Voltage
Package Type
Pin
Count
Core
Frequency
(MHz)
Solder Spheres
Order Number
MSC7119
1.2 V core
2.5 V memory
3.3 V I/O
Molded Array Process-Ball Grid
Array (MAP-BGA)
400
300
Lead-free
MSC7119VM1200
Lead-bearing
MSC7119VF1200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com