Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSC8126 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MSC8126
Description  Quad Digital Signal Processor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC8126 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MSC8126 Datasheet HTML 1Page - Freescale Semiconductor, Inc MSC8126 Datasheet HTML 2Page - Freescale Semiconductor, Inc MSC8126 Datasheet HTML 3Page - Freescale Semiconductor, Inc MSC8126 Datasheet HTML 4Page - Freescale Semiconductor, Inc MSC8126 Datasheet HTML 5Page - Freescale Semiconductor, Inc MSC8126 Datasheet HTML 6Page - Freescale Semiconductor, Inc MSC8126 Datasheet HTML 7Page - Freescale Semiconductor, Inc MSC8126 Datasheet HTML 8Page - Freescale Semiconductor, Inc MSC8126 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 48 page
background image
Freescale Semiconductor
Data Sheet:
Document Number: MSC8126
Rev. 14, 5/2008
© Freescale Semiconductor, Inc., 2004, 2008. All rights reserved.
MSC8126
FC PBGA–431
20 mm
× 20 mm
• Four StarCore™ SC140 DSP extended cores, each with an SC140
DSP core, 224 Kbyte of internal SRAM M1 memory (1436 Kbyte
total), 16 way 16 Kbyte instruction cache (ICache), four-entry
write buffer, external cache support, programmable interrupt
controller (PIC), local interrupt controller (LIC), and low-power
Wait and Stop processing modes.
• 475 Kbyte M2 memory for critical data/temporary data buffering.
• 4 Kbyte boot ROM.
• M2-accessible multi-core MQBus connecting the M2 memory
with all four cores, operating at the core frequency, with data bus
access of up to 128-bit reads and up to 64-bit writes, central
efficient round-robin arbiter for core access to the bus, and atomic
control of M2 memory access by the cores and local bus.
• Internal PLL configured are reset by configuration signal values.
• 60x-compatible system bus with 64 or 32 bit data and 32-bit
address bus, support for multi-master designs, four-beat burst
transfers (eight-beat in 32-bit data mode), port size of 64/32/16/8
bits controlled by the internal memory controller,.access to
external memory or peripherals, access by an external host to
internal resources, slave support with direct access to internal
resources including M1 and M2 memories, and on-device
arbitration for up to four master devices.
• Direct slave interface (DSI) using a 32/64-bit slave interface with
21–25 bit addressing and 32/64-bit data transfers, direct access by
an external host to internal/external resources, synchronous or
asynchronous accesses with burst capability in synchronous
mode, dual or single strobe mode, write and read buffers to
improve host bandwidth, byte enable signals for 1/2/4/8-byte
write granularity, sliding window mode for access using a reduced
number of address pins, chip ID decoding to allow one CS signal
to control multiple DSPs, broadcast mode to write to multiple
DSPs, and big-endian/little-endian/munged support.
• Three mode signal multiplexing: 64-bit DSI/32-bit system bus,
32-bit DSI/64-bit system bus, or 32-bit DSI/32-bit system bus.
• Flexible memory controller with three UPMs, a GPCM, a
page-mode SDRAM machine, glueless interface to a variety of
memories and devices, byte enables for 64-/32-bit bus widths, 8
memory banks for external memories, and 2 memory banks for
IPBus peripherals and internal memories.
• Multi-channel DMA controller with 16 time-multiplexed single
channels, up to four external peripherals, DONE or DRACK
protocol for two external peripherals,.service for up to 16 internal
requests from up to 8 internal FIFOs per channel, FIFO generated
watermarks and hungry requests, priority-based
time-multiplexing between channels using 16 internal priority
levels or round-robin time-multiplexing between channels,
flexible channel configuration with connection to local bus or
system bus, and flyby transfer support that bypasses the FIFO.
• Up to four independent TDM modules with programmable word
size (2, 4, 8, or 16-bit), hardware-base A-law/
μ-law conversion,
up to 128 Mbps data rate for all channels, with glueless interface
to E1 or T1 framers, and can interface with H-MVIP/H.110
devices, TSI, and codecs such as AC-97.
• Ethernet controller: support for 10/100 Mbps MII/RMII/SMII
including full- and half-duplex operation, full-duplex flow
controls, out-of-sequence transmit queues, programmable
maximum frame length including jumbo frames and VLAN tags
and priority, retransmission after collision, CRC generation and
verification of inbound/outbound packets, address recognition
(including exact match, broadcast address, individual hash check,
group hash check, and promiscuous mode), pattern matching,
insertion with expansion or replacement for transmit frames,
VLAN tag insertion, RMON statistics, local bus master DMA for
descriptor fetching and buffer access, and optional multiplexing
with GPIO (MII/RMII/SMII) or DSI/system bus signals lines
(MII/RMII).
• UART with full-duplex operation up to 6.25 Mbps.
• Up to 32 general-purpose input/output (GPIO) ports.
•I2C interface that allows booting from EEPROM devices.
• Two timer modules, each with sixteen configurable 16-bit timers.
• Eight programmable hardware semaphores.
• Global interrupt controller (GIC) with interrupt consolidation and
routing to INT_OUT, NMI_OUT, and the cores; thirty-two virtual
maskable interrupts (8 per core) and four virtual NMI (one per
core) that can be generated by a simple write access.
• Boot options: external memory, external host, UART, TDM, or
I2C.
• VCOP with fully programmable feed-forward channel decoding,
feed-forward channel equalization and traceback sessions. Up to
400 3GPP 12.2 kbps AMR channels (channel decoding, number
of channels linear to frequency). Up to 200 blind transport format
detect (BTFD) channels according to the 3GPP standard. Number
of channels linear to frequency.
• TCOP with full support for 3GPP and CDMA2000 standards in
Turbo decode; up to 20 turbo-coding 384 kbps channels; 8 state
PCCC with polynomial as supported by the 3G standards;
iterative decoding structure based on Maximum A-Posteriori
probability (MAP), with calculations performed in the LOG
domain.
Quad Digital Signal
Processor


Similar Part No. - MSC8126

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MSC8126 FREESCALE-MSC8126 Datasheet
845Kb / 48P
Quad Digital Signal Processor
MSC8126MP8000 FREESCALE-MSC8126MP8000 Datasheet
845Kb / 48P
Quad Digital Signal Processor
MSC8126TMP6400 FREESCALE-MSC8126TMP6400 Datasheet
845Kb / 48P
Quad Digital Signal Processor
MSC8126TVT6400 FREESCALE-MSC8126TVT6400 Datasheet
845Kb / 48P
Quad Digital Signal Processor
MSC8126VT8000 FREESCALE-MSC8126VT8000 Datasheet
845Kb / 48P
Quad Digital Signal Processor
More results

Similar Description - MSC8126

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MSC8144 FREESCALE-MSC8144 Datasheet
2Mb / 80P
Quad Core Digital Signal Processor
MSC8122 FREESCALE-MSC8122_07 Datasheet
846Kb / 48P
Quad Digital Signal Processor
MSC8126 FREESCALE-MSC8126 Datasheet
845Kb / 48P
Quad Digital Signal Processor
MSC8144EC FREESCALE-MSC8144EC Datasheet
2Mb / 80P
Quad Core Digital Signal Processor
MSC8122 FREESCALE-MSC8122_08 Datasheet
846Kb / 48P
Quad Digital Signal Processor
MSC8154 FREESCALE-MSC8154 Datasheet
913Kb / 68P
Quad-Core Digital Signal Processor
MSC8122 FREESCALE-MSC8122_V16 Datasheet
1Mb / 48P
Quad Digital Signal Processor
MSC8126 FREESCALE-MSC8126_V15 Datasheet
1Mb / 48P
Quad Digital Signal Processor
MSC8154 FREESCALE-MSC8154_11 Datasheet
886Kb / 68P
Quad-Core Digital Signal processor
MSC8254 FREESCALE-MSC8254_11 Datasheet
886Kb / 68P
Quad-Core Digital Signal Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com