Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSC8126 Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # MSC8126
Description  Quad Digital Signal Processor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC8126 Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button MSC8126 Datasheet HTML 9Page - Freescale Semiconductor, Inc MSC8126 Datasheet HTML 10Page - Freescale Semiconductor, Inc MSC8126 Datasheet HTML 11Page - Freescale Semiconductor, Inc MSC8126 Datasheet HTML 12Page - Freescale Semiconductor, Inc MSC8126 Datasheet HTML 13Page - Freescale Semiconductor, Inc MSC8126 Datasheet HTML 14Page - Freescale Semiconductor, Inc MSC8126 Datasheet HTML 15Page - Freescale Semiconductor, Inc MSC8126 Datasheet HTML 16Page - Freescale Semiconductor, Inc MSC8126 Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 48 page
background image
Electrical Characteristics
MSC8126 Quad Digital Signal Processor Data Sheet, Rev. 14
Freescale Semiconductor
13
2
Electrical Characteristics
This document contains detailed information on power considerations, DC/AC electrical characteristics, and AC timing
specifications. For additional information, see the MSC8126 Reference Manual.
2.1
Maximum Ratings
In calculating timing requirements, adding a maximum value of one specification to a minimum value of another specification
does not yield a reasonable sum. A maximum specification is calculated using a worst case variation of process parameter values
in one direction. The minimum specification is calculated using the worst case for the same parameters in the opposite direction.
Therefore, a “maximum” value for a specification never occurs in the same device with a “minimum” value for another
specification; adding a maximum to a minimum represents a condition that can never exist.
Table 2 describes the maximum electrical ratings for the MSC8126.
CAUTION
This device contains circuitry protecting against damage
due to high static voltage or electrical fields; however,
normal precautions should be taken to avoid exceeding
maximum voltage ratings. Reliability is enhanced if unused
inputs are tied to an appropriate logic voltage level (for
example, either GND or VDD).
Table 2. Absolute Maximum Ratings
Rating
Symbol
Value
Unit
Core and PLL supply voltage
VDD
–0.2 to 1.6
V
I/O supply voltage
VDDH
–0.2 to 4.0
V
Input voltage
VIN
–0.2 to 4.0
V
Maximum operating temperature:
• 400 MHz
• 500 MHz
TJ
105
90
°C
°C
Minimum operating temperature
• 400 MHz
• 500 MHz
TJ
–40
0
°C
°C
Storage temperature range
TSTG
–55 to +150
°C
Notes:
1.
Functional operating conditions are given in Table 3.
2.
Absolute maximum ratings are stress ratings only, and functional operation at the maximum is not guaranteed. Stress beyond
the listed limits may affect device reliability or cause permanent damage.
3.
Section 3.5, Thermal Considerations includes a formula for computing the chip junction temperature (TJ).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com