Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS340B Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPS340B
Description  POWER SCHOTTKY RECTIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS340B Datasheet(HTML) 1 Page - STMicroelectronics

  STPS340B Datasheet HTML 1Page - STMicroelectronics STPS340B Datasheet HTML 2Page - STMicroelectronics STPS340B Datasheet HTML 3Page - STMicroelectronics STPS340B Datasheet HTML 4Page - STMicroelectronics STPS340B Datasheet HTML 5Page - STMicroelectronics STPS340B Datasheet HTML 6Page - STMicroelectronics STPS340B Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
STPS340U/S/B
June 1999 - Ed: 6B
POWER SCHOTTKY RECTIFIER
®
Single chip Schottky rectifier suited for Switch
Mode Power Supplies and high frequency DC to
DC converters.
Packaged in SMB, SMC and DPAK this device is
intended for use in low and medium voltage
operation, high frequency inverters, free wheeling
and polarity protection applications where low
switching losses are required.
DESCRIPTION
SMB
(JEDEC DO-214AA)
STPS340U
VERY SMALL CONDUCTION LOSSES
NEGLIGIBLE SWITCHING LOSSES
LOW FORWARD VOLTAGE DROP
LOW THERMAL RESISTANCE
EXTREMELY FAST SWITCHING
SURFACE MOUNTED DEVICE
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
40
V
IF(RMS)
RMS forward current
DPAK
6A
SMB / SMC
10
IF(AV)
Average forward current
Tc = 135°C
δ = 0.5 DPAK
3
A
TL = 105
°C δ = 0.5 SMB / SMC
IFSM
Surge non repetitive forward
current
tp = 10 ms Sinusoidal
75
A
IRRM
Repetitive peak reverse
current
tp = 2
µs F = 1kHz square
1A
Tstg
Storage temperature range
- 65 to + 150
°C
Tj
Maximum operating junction temperature
+ 150
°C
dV/dt
Critical rate of rise of reverse voltage
10000
V/
µs
ABSOLUTE RATINGS (limiting values)
SMC
(JEDEC DO-214AB)
STPS340S
K
A
NC
DPAK
STPS340B
IF(AV)
3 A
VRRM
40 V
Tj (max)
150 °C
VF (max)
0.57 V
MAIN PRODUCT CHARACTERISTICS
1/7


Similar Part No. - STPS340B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS340B STMICROELECTRONICS-STPS340B Datasheet
141Kb / 11P
Power Schottky rectifier
08-Feb-2007
STPS340B STMICROELECTRONICS-STPS340B Datasheet
96Kb / 7P
POWER SCHOTTKY RECTIFIER
Jul-2003
logo
Inchange Semiconductor ...
STPS340B ISC-STPS340B Datasheet
299Kb / 2P
Schottky Rectifier Diode
logo
STMicroelectronics
STPS340B-TR STMICROELECTRONICS-STPS340B-TR Datasheet
141Kb / 11P
Power Schottky rectifier
08-Feb-2007
STPS340B-TR STMICROELECTRONICS-STPS340B-TR Datasheet
96Kb / 7P
POWER SCHOTTKY RECTIFIER
Jul-2003
More results

Similar Description - STPS340B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS1045D STMICROELECTRONICS-STPS1045D Datasheet
87Kb / 5P
POWER SCHOTTKY RECTIFIER
Sep-1999
STPS140A STMICROELECTRONICS-STPS140A Datasheet
75Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-1998
STPS140Z STMICROELECTRONICS-STPS140Z Datasheet
53Kb / 5P
POWER SCHOTTKY RECTIFIER
May-1999
STPS1L60 STMICROELECTRONICS-STPS1L60 Datasheet
65Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS2L60 STMICROELECTRONICS-STPS2L60 Datasheet
65Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS3L60 STMICROELECTRONICS-STPS3L60 Datasheet
69Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS41L60CG STMICROELECTRONICS-STPS41L60CG Datasheet
100Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS640CT STMICROELECTRONICS-STPS640CT Datasheet
75Kb / 6P
POWER SCHOTTKY RECTIFIER
Aug-1999
STPS1645D STMICROELECTRONICS-STPS1645D Datasheet
47Kb / 4P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS30M60S STMICROELECTRONICS-STPS30M60S Datasheet
178Kb / 9P
Power Schottky rectifier
14-Oct-2011
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com