Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STF3N62K3 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STF3N62K3
Description  N-channel 620 V, 2.2 Ω , 2.7 A SuperMESH3??Power MOSFET D2PAK, DPAK, TO-220FP, TO-220, IPAK
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF3N62K3 Datasheet(HTML) 1 Page - STMicroelectronics

  STF3N62K3 Datasheet HTML 1Page - STMicroelectronics STF3N62K3 Datasheet HTML 2Page - STMicroelectronics STF3N62K3 Datasheet HTML 3Page - STMicroelectronics STF3N62K3 Datasheet HTML 4Page - STMicroelectronics STF3N62K3 Datasheet HTML 5Page - STMicroelectronics STF3N62K3 Datasheet HTML 6Page - STMicroelectronics STF3N62K3 Datasheet HTML 7Page - STMicroelectronics STF3N62K3 Datasheet HTML 8Page - STMicroelectronics STF3N62K3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
July 2008
Rev 1
1/19
19
STB3N62K3, STD3N62K3, STF3N62K3
STP3N62K3, STU3N62K3
N-channel 620 V, 2.2
Ω , 2.7 A SuperMESH3™ Power MOSFET
D2PAK, DPAK, TO-220FP, TO-220, IPAK
Features
■ 100% avalanche tested
■ Extremely high dv/dt capability
■ Very low intrinsic capacitances
■ Improved diode reverse recovery
characteristics
■ Zener-protected
Application
■ Switching applications
Description
The new SuperMESH3™ series is obtained
through the combination of a further fine tuning of
ST's well established strip-based PowerMESH™
layout with a new optimization of the vertical
structure. In addition to reducing on-resistance
significantly versus previous generation, special
attention has been taken to ensure a very good
dv/dt capability and higher margin in breakdown
voltage for the most demanding application.
Figure 1.
Internal schematic diagram
Type
VDSS
RDS(on)
max
ID
Pw
STB3N62K3
STD3N62K3
STF3N62K3
STP3N62K3
STU3N62K3
620 V
620 V
620 V
620 V
620 V
< 2.5
Ω
< 2.5
Ω
< 2.5
Ω
< 2.5
Ω
< 2.5
Ω
2.7 A
2.7 A
2.7 A(1)
2.7 A
2.7 A
1.
Limited by package
45 W
45 W
20 W
45 W
45 W
3
2
1
1
2
3
1
3
TO-220
DPAK
TO-220FP
IPAK
1
2
3
1
3
D²PAK
Table 1.
Device summary
Order codes
Marking
Package
Packaging
STB3N62K3
6N62K3
D²PAK
Tape and reel
STD3N62K3
6N62K3
DPAK
Tape and reel
STF3N62K3
6N62K3
TO-220FP
Tube
STP3N62K3
6N62K3
TO-220
Tube
STU3N62K3
6N62K3
IPAK
Tube
www.st.com


Similar Part No. - STF3N62K3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STF3N62K3 STMICROELECTRONICS-STF3N62K3 Datasheet
554Kb / 20P
N-channel 620 V, 2.2 OHM , 2.7 A SuperMESH3 Power MOSFET D2PAK, DPAK, TO-220FP, TO-220, IPAK
17-Aug-2009
logo
Inchange Semiconductor ...
STF3N62K3 ISC-STF3N62K3 Datasheet
319Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STF3N62K3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB7N52K3 STMICROELECTRONICS-STB7N52K3 Datasheet
380Kb / 15P
N-channel 525 V, 0.84 Ω, 6.3 A, D2PAK, DPAK, TO-220FP, TO-220 SuperMESH3??Power MOSFET
07-Jul-2008
STB3N62K3 STMICROELECTRONICS-STB3N62K3_09 Datasheet
554Kb / 20P
N-channel 620 V, 2.2 OHM , 2.7 A SuperMESH3 Power MOSFET D2PAK, DPAK, TO-220FP, TO-220, IPAK
17-Aug-2009
STB7N52K3 STMICROELECTRONICS-STB7N52K3_09 Datasheet
1Mb / 18P
N-channel 525 V, 0.84 OHM, 6.2 A, D2PAK, DPAK, TO-220FP, TO-220 SuperMESH3 Power MOSFET
10-Sep-2009
STD6N62K3 STMICROELECTRONICS-STD6N62K3 Datasheet
433Kb / 17P
N-channel 620 V, 1.1 廓, 5.5 A, IPAK, DPAK, TO-220,TO-220FP SuperMESH3??Power MOSFET
19-May-2006
logo
STATEK CORPORATION
STD3LN62K3 STATEK-STD3LN62K3 Datasheet
1Mb / 21P
N-channel 620 V, 2.5 廓 , 2.5 A SuperMESH3??Power MOSFE DPAK, TO-220FP, TO-220, IPAK
logo
STMicroelectronics
STF6N62K3 STMICROELECTRONICS-STF6N62K3 Datasheet
1Mb / 19P
N-channel 620 V, 0.95 Ω typ., 5.5 A SuperMESH3™ Power MOSFET in TO-220FP, I²PAKFP, I²PAK, TO-220, IPAK packages
03-Aug-2012
logo
List of Unclassifed Man...
STU5N52K3 ETC2-STU5N52K3 Datasheet
1Mb / 23P
N-channel 525 V, 1.2 廓, 4.4 A SuperMESH3??Power MOSFET D짼PAK, DPAK, TO-220FP, TO-220, IPAK
logo
STMicroelectronics
STF3LN62K3 STMICROELECTRONICS-STF3LN62K3 Datasheet
1Mb / 21P
N-channel 620 V, 2.5 Ω , 2.5 A SuperMESH3™ Power MOSFET DPAK, TO-220FP, TO-220, IPAK
February 2011 Rev 1
STDLED624 STMICROELECTRONICS-STDLED624 Datasheet
1Mb / 22P
N-channel 620 V, 2.2 Ω typ., 4.0 A Power MOSFET in DPAK, I2PAKFP, TO-220 and IPAK packages
21-Mar-2013
STD5NM60 STMICROELECTRONICS-STD5NM60_V01 Datasheet
558Kb / 18P
N-channel 650 V@Tjmax, 0.9 Ω, 8 A MDmesh™ Power MOSFET TO-220, TO-220FP, D2PAK, DPAK, IPAK
01-Oct-2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com