Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STF3N62K3 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STF3N62K3
Description  N-channel 620 V, 2.2 Ω , 2.7 A SuperMESH3??Power MOSFET D2PAK, DPAK, TO-220FP, TO-220, IPAK
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF3N62K3 Datasheet(HTML) 3 Page - STMicroelectronics

  STF3N62K3 Datasheet HTML 1Page - STMicroelectronics STF3N62K3 Datasheet HTML 2Page - STMicroelectronics STF3N62K3 Datasheet HTML 3Page - STMicroelectronics STF3N62K3 Datasheet HTML 4Page - STMicroelectronics STF3N62K3 Datasheet HTML 5Page - STMicroelectronics STF3N62K3 Datasheet HTML 6Page - STMicroelectronics STF3N62K3 Datasheet HTML 7Page - STMicroelectronics STF3N62K3 Datasheet HTML 8Page - STMicroelectronics STF3N62K3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
STB/D/F/P/U3N62K3
Electrical ratings
3/19
1
Electrical ratings
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
TO-220
D²PAK
DPAK
IPAK
TO-220FP
VDS
Drain-source voltage (VGS = 0)
620
V
VGS
Gate- source voltage
± 30
V
ID
Drain current (continuous) at TC = 25 °C
2.7
2.7 (1)
1.
Limited by package
A
ID
Drain current (continuous) at TC = 100 °C
1.7
1.7 (1)
A
IDM
(2)
2.
Pulse width limited by safe operating area
Drain current (pulsed)
10.8
10.8(1)
A
PTOT
Total dissipation at TC = 25 °C
45
20
W
Derating factor
0.36
0.16
W/°C
VESD(G-S)
Gate source ESD
(HBM-C = 100 pF, R = 1.5 k
Ω)
2500
V
dv/dt (3)
3.
ISD ≤ 2.7 A, di/dt ≤ 200 A/µs, VDD = 80% V(BR)DSS
Peak diode recovery voltage slope
9
V/ns
VISO
Insulation withstand voltage (RMS) from all
three leads to external heat sink
(t = 1 s; TC = 25 °C)
--
2500
V
Tstg
Storage temperature
-55 to 150
°C
Tj
Max. operating junction temperature
150
°C
Table 3.
Thermal data
Symbol
Parameter
TO-220 D²PAK DPAK IPAK TO-220FP Unit
Rthj-case
Thermal resistance junction-case
max
2.78
6.25
°C/W
Rthj-pcb
Thermal resistance junction-pcb
max
--
50
--
--
°C/W
Rthj-amb
Thermal resistance junction-amb
max
62.5
100
62.5
°C/W
Tl
Maximum lead temperature for
soldering purpose
300
°C
Table 4.
Avalanche characteristics
Symbol
Parameter
Max value
Unit
IAR
Avalanche current, repetitive or not-repetitive
(pulse width limited by Tj max)
2.7
A
EAS
Single pulse avalanche energy
(starting Tj = 25 °C, ID = IAR, VDD = 50 V)
100
mJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com