Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS3L25 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPS3L25
Description  LOW DROP POWER SCHOTTKY RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS3L25 Datasheet(HTML) 1 Page - STMicroelectronics

  STPS3L25 Datasheet HTML 1Page - STMicroelectronics STPS3L25 Datasheet HTML 2Page - STMicroelectronics STPS3L25 Datasheet HTML 3Page - STMicroelectronics STPS3L25 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
STPS3L25S
®
June 1999 - Ed: 3A
LOW DROP POWER SCHOTTKY RECTIFIER
IF(AV)
3 A
VRRM
25 V
Tj (max)
150°C
VF (max)
0.44 V
MAIN PRODUCT CHARACTERISTICS
VERY LOW FORWARD VOLTAGE DROP FOR
LESS POWER DISSIPATION
OPTIMIZED CONDUCTION/REVERSE LOSSES
TRADE-OFF WHICH MEANS THE HIGHEST
EFFICIENCY IN THE APPLICATIONS
HIGH POWER SURFACE MOUNT MINIATURE
PACKAGE
FEATURES AND BENEFITS
Single Schottky rectifier suited to Switched Mode
Power Supplies and high frequency DC to DC con-
verters.
Packaged in SMC, this device is especially in-
tended for use as an antiparallel diode on synchro-
nous rectification freewheel MOSFET’s at the
secondary of 3.3V SMPS and DC/DC units.
DESCRIPTION
SMC
JEDEC DO-214AB
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
25
V
IF(RMS)
RMS forward current
10
A
IF(AV)
Average forward current
TL = 115°C
δ = 0.5
3
A
IFSM
Surge non repetitive forward current
tp = 10 ms Sinusoidal
75
A
IRRM
Repetitive peak reverse current
tp= 2
µs square F=1kHz
1
A
IRSM
Non repetitive peak reverse current
tp = 100
µs square
1
A
Tstg
Storage temperature range
- 65 to + 150
°C
Tj
Maximum operating junction temperature *
150
°C
dV/dt
Critical rate of rise of reverse voltage
10000
V/
µs
ABSOLUTE RATINGS (limiting values)
* :
dPtot
dTj
<
1
Rth
(j−a)
thermal runaway condition for a diode on its own heatsink
1/4


Similar Part No. - STPS3L25

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS3L25S STMICROELECTRONICS-STPS3L25S Datasheet
59Kb / 5P
LOW DROP POWER SCHOTTKY RECTIFIER
Jul-2003
STPS3L25S STMICROELECTRONICS-STPS3L25S_V01 Datasheet
59Kb / 5P
LOW DROP POWER SCHOTTKY RECTIFIER
Jul-2003
More results

Similar Description - STPS3L25

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
1N581X STMICROELECTRONICS-1N581X Datasheet
61Kb / 5P
LOW DROP POWER SCHOTTKY RECTIFIER
Jul-2003
STPS10L40CT STMICROELECTRONICS-STPS10L40CT Datasheet
82Kb / 6P
LOW DROP POWER SCHOTTKY RECTIFIER
Jul-1999
STPS1L40A STMICROELECTRONICS-STPS1L40A Datasheet
76Kb / 5P
LOW DROP POWER SCHOTTKY RECTIFIER
REV. 5
STPS40L45CT STMICROELECTRONICS-STPS40L45CT Datasheet
71Kb / 5P
LOW DROP POWER SCHOTTKY RECTIFIER
Nov-1999
STPS41L30CG STMICROELECTRONICS-STPS41L30CG Datasheet
99Kb / 6P
LOW DROP POWER SCHOTTKY RECTIFIER
Jul-2003
STPS80L30CY STMICROELECTRONICS-STPS80L30CY Datasheet
24Kb / 3P
LOW DROP POWER SCHOTTKY RECTIFIER
Aug-1999
STPS40L40CT STMICROELECTRONICS-STPS40L40CT_03 Datasheet
77Kb / 5P
LOW DROP POWER SCHOTTKY RECTIFIER
Jul-2003
STPS5L25 STMICROELECTRONICS-STPS5L25_08 Datasheet
88Kb / 7P
Low drop power Schottky rectifier
15-Apr-2008
STPS41H100C STMICROELECTRONICS-STPS41H100C_12 Datasheet
200Kb / 9P
Low drop power Schottky rectifier
11-Apr-2012
STPS10L40C STMICROELECTRONICS-STPS10L40C Datasheet
145Kb / 9P
Low drop power Schottky rectifier
23-Mar-2007
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com