Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS3L25 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STPS3L25
Description  LOW DROP POWER SCHOTTKY RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS3L25 Datasheet(HTML) 3 Page - STMicroelectronics

  STPS3L25 Datasheet HTML 1Page - STMicroelectronics STPS3L25 Datasheet HTML 2Page - STMicroelectronics STPS3L25 Datasheet HTML 3Page - STMicroelectronics STPS3L25 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
0
5
10
15
20
25
1E-3
1E-2
1E-1
1E+0
1E+1
1E+2
IR(mA)
Tj=125°C
Tj=25°C
Tj=100°C
Tj=150°C
VR(V)
Fig. 5: Reverse leakage current versus reverse
voltage applied (typical values).
12
5
10
20
30
10
100
500
VR(V)
C(pF)
F=1MHz
Tj=25°C
Fig. 6: Junction capacitance versus reverse
voltage applied (typical values).
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
1
10
50
IFM(A)
Typical values
Tj=150°C
Tj=25°C
Tj=100°C
Tj=125°C
VFM(V)
Fig. 7-1: Forward voltage drop versus forward
current (maximum values, high level).
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0
20
30
40
50
60
70
80
90
100
S(Cu) (cm²)
Rth(j-a) (°C/W)
Fig. 8: Thermal resistance junction to ambient
versus copper surface under each lead (Epoxy
printed circuit board FR4, copper thickness:
0.1
0.2
0.3
0.4
0.5
0.6
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
IFM(A)
Typical values
Tj=150°C
Tj=25°C
Tj=100°C
Tj=125°C
VFM(V)
Fig. 7-2: Forward voltage drop versus forward
current (maximum values, low level).
STPS3L25S
3/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com