Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP8NM60FP Datasheet(PDF) 17 Page - STMicroelectronics

Part # STP8NM60FP
Description  N-channel 650 V@Tjmax, 0.9 Ω, 8 A MDmesh??Power MOSFET TO-220, TO-220FP, D2PAK, DPAK, IPAK
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP8NM60FP Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STP8NM60FP Datasheet HTML 10Page - STMicroelectronics STP8NM60FP Datasheet HTML 11Page - STMicroelectronics STP8NM60FP Datasheet HTML 12Page - STMicroelectronics STP8NM60FP Datasheet HTML 13Page - STMicroelectronics STP8NM60FP Datasheet HTML 14Page - STMicroelectronics STP8NM60FP Datasheet HTML 15Page - STMicroelectronics STP8NM60FP Datasheet HTML 16Page - STMicroelectronics STP8NM60FP Datasheet HTML 17Page - STMicroelectronics STP8NM60FP Datasheet HTML 18Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
STP8NM60, STD5NM60, STB8NM60
Revision history
17/18
6
Revision history
Table 8.
Document revision history
Date
Revision
Changes
14-Apr-2004
11
Title changed
11-Apr-2005
12
Inserted D²PAK
21-Feb-2006
13
New template
08-Sep-2006
14
Modified order codes
14-Sep-2006
15
Corrected
Figure 6.: Safe operating area for DPAK/IPAK
09-Jul-2007
16
Qrr value in
Table 7.: Source drain diode has been updated
01-Oct-2008
17
4: Package mechanical data updated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com