Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP8NM60FP Datasheet(PDF) 2 Page - STMicroelectronics

Part # STP8NM60FP
Description  N-channel 650 V@Tjmax, 0.9 Ω, 8 A MDmesh??Power MOSFET TO-220, TO-220FP, D2PAK, DPAK, IPAK
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP8NM60FP Datasheet(HTML) 2 Page - STMicroelectronics

  STP8NM60FP Datasheet HTML 1Page - STMicroelectronics STP8NM60FP Datasheet HTML 2Page - STMicroelectronics STP8NM60FP Datasheet HTML 3Page - STMicroelectronics STP8NM60FP Datasheet HTML 4Page - STMicroelectronics STP8NM60FP Datasheet HTML 5Page - STMicroelectronics STP8NM60FP Datasheet HTML 6Page - STMicroelectronics STP8NM60FP Datasheet HTML 7Page - STMicroelectronics STP8NM60FP Datasheet HTML 8Page - STMicroelectronics STP8NM60FP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Electrical ratings
STP8NM60, STD5NM60, STB8NM60
2/18
1
Electrical ratings
Table 1.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
TO-220
D²PAK
TO-220FP
IPAK
DPAK
VGS
Gate-source voltage
± 30
V
ID
Drain current (continuous) at TC = 25 °C
8
8(1)
1.
Limited only by maximum temperature allowed
5A
ID
Drain current (continuous) at TC=100 °C
5
5 (1)
3.1 (1)
A
IDM
(2)
2.
Pulse width limited by safe operating area
Drain current (pulsed)
32
32 (1)
20 (1)
A
PTOT
Total dissipation at TC = 25 °C
100
30
96
W
Derating factor
0.8
0.24
0.0.4
W/°C
dv/dt(3)
3.
ISD ≤ 5 A, di/dt ≤ 400 A/µs, VDD = 80%V(BR)DSS
Peak diode recovery voltage slope
15
V/ns
VISO
Insulation withstand voltage (RMS) from all
three leads to external heat sink
(t=1 s;TC=25 °C)
--
2500
--
V
TJ
Tstg
Operating junction temperature
Storage temperature
-55 to 150
°C
Table 2.
Thermal resistance
Symbol
Parameter
Value
Unit
TO-220
D²PAK
IPAK
DPAK
TO-220FP
Rthj-case
Thermal resistance junction-case max
1.25
1.3
4.16
°C/W
Rthj-a
Thermal resistance junction-ambient max
62.5
°C/W
Tl
Maximum lead temperature for soldering
purpose
300
°C
Table 3.
Avalanche data
Symbol
Parameter
Value
Unit
IAS
Avalanche current, repetitive or not-repetitive
(pulse width limited by Tj Max)
2.5
A
EAS
Single pulse avalanche energy
(starting Tj=25 °C, ID=IAS, VDD=50 V)
200
mJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com