Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD835G2-70UI Datasheet(PDF) 103 Page - STMicroelectronics

Part # PSD835G2-70UI
Description  Configurable Memory System on a Chip for 8-Bit Microcontrollers
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD835G2-70UI Datasheet(HTML) 103 Page - STMicroelectronics

Back Button PSD835G2-70UI Datasheet HTML 99Page - STMicroelectronics PSD835G2-70UI Datasheet HTML 100Page - STMicroelectronics PSD835G2-70UI Datasheet HTML 101Page - STMicroelectronics PSD835G2-70UI Datasheet HTML 102Page - STMicroelectronics PSD835G2-70UI Datasheet HTML 103Page - STMicroelectronics PSD835G2-70UI Datasheet HTML 104Page - STMicroelectronics PSD835G2-70UI Datasheet HTML 105Page - STMicroelectronics PSD835G2-70UI Datasheet HTML 106Page - STMicroelectronics PSD835G2-70UI Datasheet HTML 107Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 110 page
background image
PSD8XX Family
PSD835G2
102
Symbol
Parameter 1
Conditions Typical2 Max Unit
CIN
Capacitance (for input pins only)
VIN = 0 V
4
6
pF
COUT
Capacitance (for input/output pins)
VOUT = 0 V
8
12
pF
CVPP
Capacitance (for CNTL2/VPP)VPP = 0 V
18
25
pF
NOTES: 1. These parameters are only sampled and are not 100% tested.
2. Typical values are for TA = 25°C and nominal supply voltages.
TA = 25 °C, f = 1 MHz
14.0
Pin Capacitance
15.0
Figure 46.
AC Testing
Input/Output
Waveform
16.0
Figure 47.
AC Testing
Load Circuit
17.0
Programming
3.0V
0V
TEST POINT
1.5V
DEVICE
UNDER TEST
2.01 V
195
Ω
C
L = 30 pF
(INCLUDING
SCOPE AND JIG
CAPACITANCE)
Upon delivery from ST, the PSD835G2 device has all bits in the PLDs and
memories in the “1” or high state. The configuration bits are in the “0” or low state. The
code, configuration, and PLDs logic are loaded through the procedure of programming.
Information for programming the device is available directly from ST. Please
contact your local sales representative. (See the last page.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com