Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD835G2-70UI Datasheet(PDF) 106 Page - STMicroelectronics

Part # PSD835G2-70UI
Description  Configurable Memory System on a Chip for 8-Bit Microcontrollers
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD835G2-70UI Datasheet(HTML) 106 Page - STMicroelectronics

Back Button PSD835G2-70UI Datasheet HTML 102Page - STMicroelectronics PSD835G2-70UI Datasheet HTML 103Page - STMicroelectronics PSD835G2-70UI Datasheet HTML 104Page - STMicroelectronics PSD835G2-70UI Datasheet HTML 105Page - STMicroelectronics PSD835G2-70UI Datasheet HTML 106Page - STMicroelectronics PSD835G2-70UI Datasheet HTML 107Page - STMicroelectronics PSD835G2-70UI Datasheet HTML 108Page - STMicroelectronics PSD835G2-70UI Datasheet HTML 109Page - STMicroelectronics PSD835G2-70UI Datasheet HTML 110Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 106 / 110 page
background image
PSD835G2
PSD8XX Family
105
Figure 48A.
Drawing U5 – 80-Pin Plastic Thin Quad Flatpack (TQFP) (Package Type U)
D
D1
D3
E3
E1
E
Index
Mark
Standoff:
0.05 mm Min.
Load Coplanarity:
0.102 mm Max.
L
C
Be1
A2
A
A1
α
80
1
2
3
Family: Plastic Thin Quad Flatpack (TQFP)
Millimeters
Inches
Symbol
Min
Max
Notes
Min
Max
Notes
α
0°
7°
0°
8°
A
–
1.20
–
0.047
A2
0.95
1.05
0.037
0.041
B
0.17
0.27
Reference
0.007
0.011
C
0.20
0.008
D
13.95
14.05
0.512
0.551
D1
11.95
12.05
0.433
0.472
D3
9.5
Reference
0.374
Reference
E
13.95
14.05
0.512
0.551
E1
11.95
12.05
0.433
0.472
E3
9.5
Reference
0.374
Reference
e1
0.50
Reference
0.019
Reference
L
0.45
0.75
0.018
0.030
N80
80
060198R0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com