Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM2305 Datasheet(PDF) 12 Page - Power Analog Micoelectronics

Part # PAM2305
Description  1A Step-Down DC-DC Converters
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM2305 Datasheet(HTML) 12 Page - Power Analog Micoelectronics

Back Button PAM2305 Datasheet HTML 8Page - Power Analog Micoelectronics PAM2305 Datasheet HTML 9Page - Power Analog Micoelectronics PAM2305 Datasheet HTML 10Page - Power Analog Micoelectronics PAM2305 Datasheet HTML 11Page - Power Analog Micoelectronics PAM2305 Datasheet HTML 12Page - Power Analog Micoelectronics PAM2305 Datasheet HTML 13Page - Power Analog Micoelectronics PAM2305 Datasheet HTML 14Page - Power Analog Micoelectronics PAM2305 Datasheet HTML 15Page - Power Analog Micoelectronics PAM2305 Datasheet HTML 16Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
12
09/2008 Rev 1.2
,
Power Analog Microelectronics Inc
www.poweranalog.com
PAM2305
1A Step-Down DC-DC Converters
PCB Layout Check List
When laying out the printed circuit board, the following checklist should be used to ensure proper operation of
the PAM2305. These items are also illustrated graphically in Figure 1. Check the following in your layout:
1.
The power traces, consisting of the GND trace, the SW trace and the VIN trace should be kept short, direct
and wide.
2.
Does the V
pin connect directly to the feedback resistors? The resistive divider R1/R2 must be con nected
between the (+) plate of C
and ground.
3.
Does the (+) plate of CIN connect to VIN as closely as possible? This capacitor provides the AC current to
the internal power MOSFETs.
4.
Keep the switching node, SW, away from the sensitive VFB node.
5.
Keep the (–) plates of C and C
as close as possible.
FB
OUT
IN
OUT
Figure 1 :PAM2305 Suggested Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com