Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM2305 Datasheet(PDF) 13 Page - Power Analog Micoelectronics

Part # PAM2305
Description  1A Step-Down DC-DC Converters
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM2305 Datasheet(HTML) 13 Page - Power Analog Micoelectronics

Back Button PAM2305 Datasheet HTML 9Page - Power Analog Micoelectronics PAM2305 Datasheet HTML 10Page - Power Analog Micoelectronics PAM2305 Datasheet HTML 11Page - Power Analog Micoelectronics PAM2305 Datasheet HTML 12Page - Power Analog Micoelectronics PAM2305 Datasheet HTML 13Page - Power Analog Micoelectronics PAM2305 Datasheet HTML 14Page - Power Analog Micoelectronics PAM2305 Datasheet HTML 15Page - Power Analog Micoelectronics PAM2305 Datasheet HTML 16Page - Power Analog Micoelectronics PAM2305 Datasheet HTML 17Page - Power Analog Micoelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
Ordering Information
PAM2305XXXxxx
Output Voltage
Number of Pins
Package Type
Pin Configuration
13
09/2008 Rev 1.2
,
Power Analog Microelectronics Inc
www.poweranalog.com
PAM2305
1A Step-Down DC-DC Converters
Pin Configuration
Package Type
Number of Pins
Output Voltage
AType
1. VIN
2. GND
3. EN
4. VOUT/FB
5. SW
BType :
16 pins
CType:
1. NC
2. EN
3. VIN
4. SW
5. GND
6: VOUT/FB
A: SOT-23
J: QFN 3x3
G: DFN 2x2
B: 5
E: 16
F: 6
330: 3.3V
280: 2.8V
250: 2.5V
180: 1.8V
150: 1.5V
120: 1.2V
ADJ: Adjustable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com