Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM2803 Datasheet(PDF) 2 Page - Power Analog Micoelectronics

Part # PAM2803
Description  3W High Power White LED Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM2803 Datasheet(HTML) 2 Page - Power Analog Micoelectronics

  PAM2803 Datasheet HTML 1Page - Power Analog Micoelectronics PAM2803 Datasheet HTML 2Page - Power Analog Micoelectronics PAM2803 Datasheet HTML 3Page - Power Analog Micoelectronics PAM2803 Datasheet HTML 4Page - Power Analog Micoelectronics PAM2803 Datasheet HTML 5Page - Power Analog Micoelectronics PAM2803 Datasheet HTML 6Page - Power Analog Micoelectronics PAM2803 Datasheet HTML 7Page - Power Analog Micoelectronics PAM2803 Datasheet HTML 8Page - Power Analog Micoelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Pin Configuration& Marking Information
Top View
SOT 23 6
--
XXVYW
12
3
65
4
2
Pin Number
Name
Function
1SW
Switch
2
GND
Ground
3
FB
Feedback
4
SHDN
Shut Down
5VOUT
Output
6
VIN
Input
Absolute Maximum Ratings
These are stress ratings only and functional operation is not implied
Exposure to absolute
maximum ratings for prolonged time periods may affect device reliability
All voltages are with
respect to ground
.
.
.
Input Pin Voltage...............................–0.3V to 6V
SW Pin Voltage..................................–0.3V to 6V
SHDN, FB Pin Voltage.........................–0.3V to 6V
Operating Temperature Range .........-40 C to 85 C
Storage Temperature Range......... –65 C to 125 C
Lead Temperature (Soldering, 5 sec) ...........300 C
°°
°°
°
Recommended Operating Conditions
Junction Temperature
40
to 125
-
...............
C
C
..................
C
C
°°
°
°
Ambient Temperature
40
to 85
-
Thermal Information
Parameter
Package
Symbol
Maximum
Unit
Thermal Resistance
(Junction to Case)
SOT-23-6
θJC
130
Thermal Resistance
(Junction to Ambient)
SOT-23-6
θJA
250
℃/W
Internal Power Dissipation
SOT-23-6
PD
400
mW
XX: Product Code
V: Voltage Code
Y: Year
W: Weekly
08/2007
PAM2803
3W High Power White LED Driver
,
Power Analog Microelectronics Inc
www.poweranalog.com



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com