Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM2803 Datasheet(PDF) 1 Page - Power Analog Micoelectronics

Part # PAM2803
Description  3W High Power White LED Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM2803 Datasheet(HTML) 1 Page - Power Analog Micoelectronics

  PAM2803 Datasheet HTML 1Page - Power Analog Micoelectronics PAM2803 Datasheet HTML 2Page - Power Analog Micoelectronics PAM2803 Datasheet HTML 3Page - Power Analog Micoelectronics PAM2803 Datasheet HTML 4Page - Power Analog Micoelectronics PAM2803 Datasheet HTML 5Page - Power Analog Micoelectronics PAM2803 Datasheet HTML 6Page - Power Analog Micoelectronics PAM2803 Datasheet HTML 7Page - Power Analog Micoelectronics PAM2803 Datasheet HTML 8Page - Power Analog Micoelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Features
LED Power Efficiency: up to 90%
Current Accuracy: 5%(V =3.6V to 1.8V
@V =3.7V)
1MHz Switching Frequency
Uses small, Low Profile External Components
Low RDS(ON) : 100mΩ (TYP.)
Open LED Protection
Over Temperature Protection
Low Profile SOT-23-6 Package
Pb-Free Package
±
IN
F
Low Start-Up Voltage: 0.9V(I
=270mA)
Low Hold Voltage:0.75V(I
=200mA)
White LED Torch (Flashlight)
White LED Camera Flash
DSC(Digital Still Camera)Flash
Cellular Camera Phone Flash
PDA Camera Flash
Camcorder Torch(Flashlight) Lamp
The PAM2803 is a set-up DC-DC converter that
delivers a regulated output current. The device
switches at a 1 .0MHz c onstant frequency,
allowing for the use of small value external
inductor and ceramic capacitors.
The PAM2803 is targeted to be used for driving
loads up to 1A from a two-cell alkaline battery. The
LED current can be programmed by the external
current sense resistor, Rs, connected between the
feedback pin (FB) and ground. A low 95mV
feedback voltage reduces the power loss in the Rs
for better efficiency. With its internal 2A, 100
device can provide high
efficiency e ven a t heavy load. During the
shutdown mode, the feedback resistor Rs and the
load are completely disconnected and the current
consumption is reduced to less than 1uA.
The PAM2803 is available in the 6-lead SOT-23-6
package.
LED
LED
Applications
General Description
mΩ
NMOS switch, the
n
n
n
n
n
n
n
n
n
n
n
n
n
n
n
n
n
Typical Application
95mV
Reference
+
A1
-
Rc
Cc
-
A2
+
Comparator
VOUT
VIN
SW
PWM Logic
And Driver
+
-
GND
1.0MHz
Oscillator
Shutdown
And
Soft-start
FB
Σ
Ramp
Generator
SHDN
Block Diagram
1
www.poweranalog.com
08/2007
PAM2803
3W High Power White LED Driver
10uF
2.2uH
10uF
OFF ON
R
S
3
2
1
6
5
4
SW
VIN
VOUT
FB
SHDN
GND
WLED
V
IN
C
O
C
IN
3W
PAM2803
I
=750mA, R =0.127
LED
S
Ω
,
Power Analog Microelectronics Inc


Similar Part No. - PAM2803

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PAM2803 DIODES-PAM2803 Datasheet
392Kb / 9P
3W HIGH POWER WHITE LED DRIVER
Rev 2
PAM2803AAF095 DIODES-PAM2803AAF095 Datasheet
392Kb / 9P
3W HIGH POWER WHITE LED DRIVER
Rev 2
More results

Similar Description - PAM2803

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STCF02 STMICROELECTRONICS-STCF02 Datasheet
223Kb / 4P
High Power White Led Driver
05-Oct-2005
logo
YOBON TECHNOLOGIES,INC.
YB1509 YOBON-YB1509 Datasheet
96Kb / 7P
High-Power White LED Driver
YB1519 YOBON-YB1519 Datasheet
271Kb / 7P
High-Power White LED Driver
logo
Power Analog Micoelectr...
PAM2800 PAM-PAM2800 Datasheet
92Kb / 7P
High Power White LED Driver
logo
FOSLINK SEMICONDUCTOR C...
FSP3604 FOSLINK-FSP3604 Datasheet
559Kb / 6P
3W HIGH POWER WHITE LED DRIVER
logo
Diodes Incorporated
PAM2803 DIODES-PAM2803 Datasheet
392Kb / 9P
3W HIGH POWER WHITE LED DRIVER
Rev 2
logo
SHENZHEN FUMAN ELECTRON...
SC2803 FUMAN-SC2803 Datasheet
411Kb / 7P
3W high power white LED driver
logo
Elite Enterprises (H.K....
PG1A-3LWX-SDBK ELITE-PG1A-3LWX-SDBK Datasheet
419Kb / 12P
3W White Power LED
logo
SHOUDING Shouding Semic...
SD3303 SHOUDING-SD3303 Datasheet
1Mb / 8P
3W HIGH POWER WHITE LED DRIVER
logo
Diodes Incorporated
PAM2800AABR DIODES-PAM2800AABR Datasheet
293Kb / 7P
HIGH POWER WHITE LED DRIVER
December 2016
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com