Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM2841 Datasheet(PDF) 11 Page - Power Analog Micoelectronics

Part # PAM2841
Description  1.5ASW Current, 40V Precision WLED Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM2841 Datasheet(HTML) 11 Page - Power Analog Micoelectronics

Back Button PAM2841 Datasheet HTML 6Page - Power Analog Micoelectronics PAM2841 Datasheet HTML 7Page - Power Analog Micoelectronics PAM2841 Datasheet HTML 8Page - Power Analog Micoelectronics PAM2841 Datasheet HTML 9Page - Power Analog Micoelectronics PAM2841 Datasheet HTML 10Page - Power Analog Micoelectronics PAM2841 Datasheet HTML 11Page - Power Analog Micoelectronics PAM2841 Datasheet HTML 12Page - Power Analog Micoelectronics PAM2841 Datasheet HTML 13Page - Power Analog Micoelectronics PAM2841 Datasheet HTML 14Page - Power Analog Micoelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11
PAM2841
1.5A SW Current, 40V Precision WLED Driver
,
Power Analog Microelectronics Inc
www.poweranalog.com
Layout Considerations
Layout Example
Top Layer
Bottom Layer
As for all switching power supplies, especially
those in high frequency and high current ones,
layout is an important design step. If layout is not
carefully done, the regulator could suffer from
instability as well as noise problems.
(1) Use separate traces for power ground and
signal ground. Power ground and signal ground
are connected together to a quite ground (input
connector)
(2) To prevent radiation of high frequency
resonance, proper layout of the high frequency
switching path is essential. Minimize the length
and area of all traces connecting to the SW pin.
The loop including the PWM switch, schottky
diode and output capacitor, contains high current
rising and falling in nanosecond and thus it
should be kept as short as possible.
(3) The input capacitor should be close to both
the VIN pin and the GND pin in order to reduce
the IC supply ripple.
(4) Keep the signal ground traces short and as
close to the IC as possible. Small signal
components should be placed as close as
possible to the IC, thus minimizing control signal
noise interference.
08/2008 Rev 1.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com