Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM2841 Datasheet(PDF) 13 Page - Power Analog Micoelectronics

Part # PAM2841
Description  1.5ASW Current, 40V Precision WLED Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM2841 Datasheet(HTML) 13 Page - Power Analog Micoelectronics

Back Button PAM2841 Datasheet HTML 6Page - Power Analog Micoelectronics PAM2841 Datasheet HTML 7Page - Power Analog Micoelectronics PAM2841 Datasheet HTML 8Page - Power Analog Micoelectronics PAM2841 Datasheet HTML 9Page - Power Analog Micoelectronics PAM2841 Datasheet HTML 10Page - Power Analog Micoelectronics PAM2841 Datasheet HTML 11Page - Power Analog Micoelectronics PAM2841 Datasheet HTML 12Page - Power Analog Micoelectronics PAM2841 Datasheet HTML 13Page - Power Analog Micoelectronics PAM2841 Datasheet HTML 14Page - Power Analog Micoelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
Outline Dimensions
PAM2841
1.5A SW Current, 40V Precision WLED Driver
13
,
Power Analog Microelectronics Inc
www.poweranalog.com
e
b
D
DETAIL A
L
L1
DETAIL A(S=3:1)
MSOP-8
Millimeter
Millimeter
REF.
Min
Max
REF.
Min
Max
A
--
1.10
L
0.40
0.70
A1
0.05
0.15
L1
0.95 BSC
A2
0.78
0.94
B
0.22
0.38
D
2.90
3.10
C
0.08
0.23
E
2.90
3.10
e
0.65 BSC
HE
4.75
5.05
08/2008 Rev 1.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com