Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM3103 Datasheet(PDF) 2 Page - Power Analog Micoelectronics

Part # PAM3103
Description  300mAAdjustable High PSRR CMOS Linear Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM3103 Datasheet(HTML) 2 Page - Power Analog Micoelectronics

  PAM3103 Datasheet HTML 1Page - Power Analog Micoelectronics PAM3103 Datasheet HTML 2Page - Power Analog Micoelectronics PAM3103 Datasheet HTML 3Page - Power Analog Micoelectronics PAM3103 Datasheet HTML 4Page - Power Analog Micoelectronics PAM3103 Datasheet HTML 5Page - Power Analog Micoelectronics PAM3103 Datasheet HTML 6Page - Power Analog Micoelectronics PAM3103 Datasheet HTML 7Page - Power Analog Micoelectronics PAM3103 Datasheet HTML 8Page - Power Analog Micoelectronics PAM3103 Datasheet HTML 9Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Pin Configuration & Marking Information
2
Absolute Maximum Ratings
These are stress ratings only and functional operation is not implied
Exposure to absolute
maximum ratings for prolonged time periods may affect device reliability
All voltages are with
respect to ground
.
.
.
Input Voltage
6.6V
Output Current
300mA
Output Pin Voltage
GND-0.3
Lead Soldering Temperature(5sec)
300°C
Storage Temperature
65
to 150
...............................................
.........................................
................
to V +0.3V
............
....................-
°C
°C
IN
Recommended Operating Conditions
Max. Supply Voltage (for Max. duration of
30 minutes)................................................6.4V
..................-
°C
°C
.....................-
°C
°C
Junction Temperature
40
to 125
Ambient Temperature
40
to 85
Thermal Information
Pin Number
Name
Function
1
VIN
Input
2
GND
Ground
3
EN
Chip Enable (Active High)
4
ADJ
Adjustable Pin
5
VOUT
Output
12
3
54
ACVYW
Top View
SOT23-5
AC: Product Code of PAM3101
V: Voltage Code
Y: Year
W: Week
09/2008 Rev 1.2
,
Power Analog Microelectronics Inc
www.poweranalog.com
1
2
3
4
5
Top View
SC70-5
ACVYW
Parameter
Symbol
Package
Maximum
Unit
SOT23-5
130
Thermal Resistance (Junction to Case)
θJC
SC70-5
TBD
°C/W
SOT23-5
250
Thermal Resistance (Junction to Ambient)
θJA
SC70-5
300
°C/W
SOT23-5
400
Internal Power Dissipation
P
D
SC70-5
300
mW
PAM3103
300mA Adjustable High PSRR CMOS Linear Regulator



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com