Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM3103 Datasheet(PDF) 3 Page - Power Analog Micoelectronics

Part # PAM3103
Description  300mAAdjustable High PSRR CMOS Linear Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM3103 Datasheet(HTML) 3 Page - Power Analog Micoelectronics

  PAM3103 Datasheet HTML 1Page - Power Analog Micoelectronics PAM3103 Datasheet HTML 2Page - Power Analog Micoelectronics PAM3103 Datasheet HTML 3Page - Power Analog Micoelectronics PAM3103 Datasheet HTML 4Page - Power Analog Micoelectronics PAM3103 Datasheet HTML 5Page - Power Analog Micoelectronics PAM3103 Datasheet HTML 6Page - Power Analog Micoelectronics PAM3103 Datasheet HTML 7Page - Power Analog Micoelectronics PAM3103 Datasheet HTML 8Page - Power Analog Micoelectronics PAM3103 Datasheet HTML 9Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Electrical Characteristic
T25
V
AIN
==
=
=
4V, V =3V, C
1 F, C
2.2 F, unless otherwise noted.
OIN
O
μμ
°C,
3
09/2008 Rev 1.2
PARAMETER
SYMBOL
Test Conditions
MIN
TYP
MAX
UNITS
Input Voltage
VIN
Note 1
5.5
V
Output Voltage
VO
1.2
5
V
Reference Voltage
VREF
1.235
V
Output Voltage Accuracy
V
O
I
O=1mA
-2
2
%
Output Current
I
O
300
Note 2
mA
Short Circuit Current
ISC
Vo=0V
150
mA
2.5V
≤Vo<3.3V
370
450
Dropout Voltage
V
drop
I
O =300mA
Vo
≥3.3V
180
230
mV
Ground Current
IGND
IO=1mA to 300mA
70
90
μA
Quiescent Current
IQ
IO=0mA
65
90
μA
Line Regulation
LNR
IO=1mA, VIN =3Vto 5V
-0.4
0.2
0.4
%/V
Load Regulation
LDR
IO=1mA to 300mA
-1
0.2
1
%
Temperature Coefficient
Tc
40
ppm/
OC
Over Temperature
Shutdown
OTS
IO=1mA
150
OC
Over Temperature
Hysteresis
OTH
IO=1mA
30
OC
f=100Hz
67
dB
f=1kHz
65
dB
Power Supply Ripple
Rejection
PSRR
Io=100mA, Vo=1.2V
f=10kHz
42
dB
Output Noise
Vn
f =10Hz to 100kHz
50
μVrms
EN Input High Threshold
VIH
VIN=2.5V to 5V
1.5
V
EN Input Low Threshold
VIL
VIN=2.5V to 5V
0.3
V
Shutdown Current
ISD
VEN=0V
0.01
1
μA
Note1: The minimum input voltage (
) of the PAM3103 is determined by output voltage and dropout
voltage.
:
V=V +V
Note 2: Output current is limited by P , maximum I =P /(
-V ).
V
The minimum input voltage is defined as
V
IN(MIN)
IN(MAX)
IN(MIN)
O
drop
DO
D
O
,
Power Analog Microelectronics Inc
www.poweranalog.com
PAM3103
300mA Adjustable High PSRR CMOS Linear Regulator



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com