Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM2810VINA Datasheet(PDF) 4 Page - Power Analog Micoelectronics

Part # PAM2810VINA
Description  4-Channel Programmable LED Current Sink
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM2810VINA Datasheet(HTML) 4 Page - Power Analog Micoelectronics

  PAM2810VINA Datasheet HTML 1Page - Power Analog Micoelectronics PAM2810VINA Datasheet HTML 2Page - Power Analog Micoelectronics PAM2810VINA Datasheet HTML 3Page - Power Analog Micoelectronics PAM2810VINA Datasheet HTML 4Page - Power Analog Micoelectronics PAM2810VINA Datasheet HTML 5Page - Power Analog Micoelectronics PAM2810VINA Datasheet HTML 6Page - Power Analog Micoelectronics PAM2810VINA Datasheet HTML 7Page - Power Analog Micoelectronics PAM2810VINA Datasheet HTML 8Page - Power Analog Micoelectronics PAM2810VINA Datasheet HTML 9Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Electrical Characteristic
T =25°C, V =3.6V, R
=5.1k
V
=0.5V, unless otherwise noted.
A
IN
SET
LEDX
Ω,
,
Power Analog Microelectronics Inc
4
www.poweranalog.com
PAM2810
4-Channel Programmable LED Current Sink
PARAMETER
Symbol
CONDITIONS
MIN
TYP
MAX
UNITS
Input Voltage
VIN
Vf+VLED
(Note)
3.6
5.5
V
Output Current
ILEDX
VDD
=5V
40
mA
Current Matching Between
Any Two Outputs
ILED-MATCH
±5
%
Current Sink Dropout
V
DROPOUT
Rset=3kΩ,I
LEDX=40mA
0.25
V
ISET PIN Voltage
VSET
1.22
V
Output Current to Current Set
Ratio
ILEDX/ISET
100
Quiescent Supply Current
IQ
Rset=10MΩ,with no loads
65
80
μA
Shutdown Supply Current
ISHDN
EN=logic low
0.1
1
μA
EN Input Logic High
VHI
1.4
V
EN Input Logic Low
VLO
0.4
V
V(EN) = 1.5V
0.1
1
μA
EN Pin Current
IEN
V(EN) = 0V
0.1
1
μA
07/2008 Rev 1.1
Absolute Maximum Ratings
These are stress ratings only and functional operation is not implied
Exposure to absolute
maximum ratings for prolonged time periods may affect device reliability
All voltages are with
respect to ground
.
.
.
Input Voltage Range............................-0.3V to 6V
PWM Pin voltage...............
Operation Junction Temperature.....-40°C to 125
Storage Temperature.....................-65
to 150
Soldering Temperature.......................
-0.3V to (VIN+0.3V)/6V
Maximum Junction Temperature..................150°C
°C
°C
°C
300°C,5sec
Recommended Operating Conditions
Input Voltage Range..........................
Operation Temperature Range.........-40
to 85
2.7V to 5.5V
°C
°C
Thermal Information
Parameter
Symbol
Package
Maximum
Unit
SOT23-8
250
Thermal Resistance
(Junction to Ambient)
θJA
DFN
102
SOT23-8
130
Thermal Resistance
(JunctiontoCase)
θJC
DFN
20
ºC/W
Note: Vf: LED forward voltage; V
: voltage of LEDx pins.
LED



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com