Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM2810VINA Datasheet(PDF) 6 Page - Power Analog Micoelectronics

Part # PAM2810VINA
Description  4-Channel Programmable LED Current Sink
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM2810VINA Datasheet(HTML) 6 Page - Power Analog Micoelectronics

Back Button PAM2810VINA Datasheet HTML 2Page - Power Analog Micoelectronics PAM2810VINA Datasheet HTML 3Page - Power Analog Micoelectronics PAM2810VINA Datasheet HTML 4Page - Power Analog Micoelectronics PAM2810VINA Datasheet HTML 5Page - Power Analog Micoelectronics PAM2810VINA Datasheet HTML 6Page - Power Analog Micoelectronics PAM2810VINA Datasheet HTML 7Page - Power Analog Micoelectronics PAM2810VINA Datasheet HTML 8Page - Power Analog Micoelectronics PAM2810VINA Datasheet HTML 9Page - Power Analog Micoelectronics PAM2810VINA Datasheet HTML 10Page - Power Analog Micoelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Application Information
,
Power Analog Microelectronics Inc
6
www.poweranalog.com
The PAM2810 is a 4-channel programmable
white-LED driver. The matched current regulators
each have a 100:1 ratio between the LEDx
outputs and the ISET current. The PAM2810 is
capable of supplying 40mA per channel with the
proper selection of the external RSET resistor,
with a total of 160mA output current available.
LED brightness control of PAM2810 can be
achieved with a PWM signal.
The PAM2810 is capable of providing up to 40mA
per LED under an input voltage of 2.7V to 5.5V.
An external resistor is used to set the output
current, as approximated with the following
equation:
R
=100 *(1.22V / I
)
In order that the output currents could be
regulated properly, the LEDx pin voltage(V
)
must be larger than the dropout voltage of the
current sink(V
).
To ensure the desired
current is obtained, apply the following equation
to determine the minimum input voltage:
V- V
= V
V
V
is the diode forward voltage, and some
typical value of V
can be found from the
following table.
Table 1. I
, R
and V
Brightness control can be realized by applying a
PWM signal to the EN pin. The constant current is
set by the external resistor selected using the
RSET equation. The
L ED
brightness
i s
proportional to the duty cycle (D) of the PWM
signal. The PWM frequency (f) should be limited
to accommodate the start-up time (50 s) of the
device.
D * (1/f) >
The maximum PWM frequency can be selected
according to the table above.
If the PWM frequency is much less than 100Hz,
flickering may be seen in the LEDs. For the
PAM2810, zero duty cycle will turn off the LEDs
and a 50% duty cycle will result in an average
ILED being half of the programmed LED current.
For example, if RSET is set to program 20mA, a
50% duty cycle will result in an average ILED of
10mA. RSET should be chosen not to exceed the
maximum current capability of the device.
The
PAM2810
equips
over
temperature
protection. When the junction temperature (T )
exceeds +150°C, the current source turns off
automatically. The device will turn on again after
the IC’s
Output Current Capability
PWM
Over Temperature Protection
SET
LEDX
LEDX
DROPOUT
IN
DIODE
LEDX
DROPOUT
DIODE
DROPOUT
LED
SET
DROPOUT
J
≥
Brightness Control
Shutdown
μ
50 s
Table 2. PWM Frequency and Duty cycle
When the EN pin is logic low, the PAM2810 will be
in shutdown mode. While disabled, the PAM2810
typically draws 0.1 A current form the power
supply. There is no internal pull-up or pull-down
on the EN pin.
T
cools down under +125°C. Operating
at absolute m aximum temperature i s not
recommended.
μ
μ
J
ILED
RSET
VDROPOUT
10mA
12.7kΩ
40mV
20mA
6.2kΩ
80mV
30mA
4.3kΩ
120mV
40mA
3.2kΩ
150mV
PAM2810
4-Channel Programmable LED Current Sink
Frequency
Cycle
Duty-Cycle Request
100Hz
10ms
>
0.5
100
1kHz
1ms
>
5
100
2 kHz
500μs
>
10
100
4 kHz
250μs
>
20
100
8 kHz
125μs
>
40
100
10 kHz
100μs
>
50
100
07/2008 Rev 1.1



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com