Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM3101AAA290 Datasheet(PDF) 21 Page - Power Analog Micoelectronics

Part # PAM3101AAA290
Description  300mA High PSRR Low Dropout CMOS Linear Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM3101AAA290 Datasheet(HTML) 21 Page - Power Analog Micoelectronics

Back Button PAM3101AAA290 Datasheet HTML 16Page - Power Analog Micoelectronics PAM3101AAA290 Datasheet HTML 17Page - Power Analog Micoelectronics PAM3101AAA290 Datasheet HTML 18Page - Power Analog Micoelectronics PAM3101AAA290 Datasheet HTML 19Page - Power Analog Micoelectronics PAM3101AAA290 Datasheet HTML 20Page - Power Analog Micoelectronics PAM3101AAA290 Datasheet HTML 21Page - Power Analog Micoelectronics PAM3101AAA290 Datasheet HTML 22Page - Power Analog Micoelectronics PAM3101AAA290 Datasheet HTML 23Page - Power Analog Micoelectronics PAM3101AAA290 Datasheet HTML 24Page - Power Analog Micoelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
Outline Dimension
SOT89 3
-
SOT89 3
-
SOT89 5
-
SOT89 5
-
(:
)
Unit mm
(:
)
Unit mm
45 005
..
45 005
.
.
1 400 REF
.
1 400 REF
.
150 0 05
..
150 0 05
.
.
6’
038 0 01
..
038 0 01
.
.
100 0 07
..
100 0 07
.
.
150
.
150
.
150
.
150
.
3 00 0 025
..
3 00 0 025
.
.
0 46 0 025
..
0 46 0 025
.
.
6’-2X
6’-2X
1 650 REF
.
1 650 REF
.
(:
)
Unit mm
(:
)
Unit mm
1 400 REF
.
1 400 REF
.
150 0 05
..
150 0 05
.
.
6’
038 0 01
..
038 0 01
.
.
100 0 07
..
100 0 07
.
.
150
.
150
.
150
.
150
.
3 00 0 025
..
3 00 0 025
.
.
0 46 0 025
..
0 46 0 025
.
.
6’-2X
6’-2X
1 650 REF
.
1 650 REF
.
21
09/2008 Rev 1.4
,
Power Analog Microelectronics Inc
www.poweranalog.com
PAM3101
300mA High PSRR Low Dropout CMOS Linear Regulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com