Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM3101AAA290 Datasheet(PDF) 13 Page - Power Analog Micoelectronics

Part # PAM3101AAA290
Description  300mA High PSRR Low Dropout CMOS Linear Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM3101AAA290 Datasheet(HTML) 13 Page - Power Analog Micoelectronics

Back Button PAM3101AAA290 Datasheet HTML 9Page - Power Analog Micoelectronics PAM3101AAA290 Datasheet HTML 10Page - Power Analog Micoelectronics PAM3101AAA290 Datasheet HTML 11Page - Power Analog Micoelectronics PAM3101AAA290 Datasheet HTML 12Page - Power Analog Micoelectronics PAM3101AAA290 Datasheet HTML 13Page - Power Analog Micoelectronics PAM3101AAA290 Datasheet HTML 14Page - Power Analog Micoelectronics PAM3101AAA290 Datasheet HTML 15Page - Power Analog Micoelectronics PAM3101AAA290 Datasheet HTML 16Page - Power Analog Micoelectronics PAM3101AAA290 Datasheet HTML 17Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
Thermal considerations
Thermal protection limits power dissipation in the
PAM3101. When the junction temperature
exceeds 150°C, the OTP (Over Temperature
Protection) starts the thermal shutdown and turns
the pass transistor off. The pass transistor
resumes operation after the junction temperature
drops below 120°C.
For
c ontinuous
operation,
the
junction
temperature should be maintained below 125°C.
The power dissipation is defined as:
P = (V -V
)*I +V *I
The maximum power dissipation depends on the
thermal resistance of IC package, PCB layout,
the rate of surrounding airflow and temperature
difference between junction and ambient. The
maximum power dissipation can be calculated by
the following formula:
Where T
is the maximum allowable junction
temperature 125°C, T is the ambient temperature
and
is the thermal resistance from the junction
to the ambient.
For example, as
is 250°C/W for the SOT-23
package and 180°C/W for the SOT-89 package
based on the standard JEDEC 51-3 for a single-
layer thermal test board, the maximum power
dissipation at T =25°C can be calculated by
following formula:
P
= (125°C-25°C)/250=0.4W
SOT-23
P
= (125°C-25°C)/180=0.55W
SOT-89
It is also useful to calculate the junction
temperature of the PAM3101 under a set of
specific conditions. For example, suppose the
input voltage V =3.3V, the output current
I =300mA and the case temperature T =40°C
measured by a thermalcouple during operation,
the power dissipation for the Vo=2.8V version of
the PAM3101 can be calculated as:
P =(3.3V-2.8V)*300mA+3.3V*70 A
150mW
And the junction temperature, T , can be
calculated as follows:
T= T
T = 40°C+0.15W*250°C/W
=40°C+37.5°C
=77.5°C<T
= 125°C
For this operating condition, T is lower than the
absolute
m aximum
operating
junction
temperature, 125°C, so it is safe to use the
PAM3101 in this configuration.
D
IN
OUT
O
IN
GND
J(MAX)
A
JA
A
D(MAX)
D(MAX)
IN
O
A
D
J
JA
A
J
J(MAX)
J
P
= (T
-T )/θ
θ
θ
μ
+P *θ
D(MAX)
J(MAX)
A
JA
JA
DJ
≌
13
09/2008 Rev 1.4
,
Power Analog Microelectronics Inc
www.poweranalog.com
PAM3101
300mA High PSRR Low Dropout CMOS Linear Regulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com