Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM3115BEC285 Datasheet(PDF) 12 Page - Power Analog Micoelectronics

Part # PAM3115BEC285
Description  1.5A Low Voltage-Low Dropout CMOS Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM3115BEC285 Datasheet(HTML) 12 Page - Power Analog Micoelectronics

Back Button PAM3115BEC285 Datasheet HTML 8Page - Power Analog Micoelectronics PAM3115BEC285 Datasheet HTML 9Page - Power Analog Micoelectronics PAM3115BEC285 Datasheet HTML 10Page - Power Analog Micoelectronics PAM3115BEC285 Datasheet HTML 11Page - Power Analog Micoelectronics PAM3115BEC285 Datasheet HTML 12Page - Power Analog Micoelectronics PAM3115BEC285 Datasheet HTML 13Page - Power Analog Micoelectronics PAM3115BEC285 Datasheet HTML 14Page - Power Analog Micoelectronics PAM3115BEC285 Datasheet HTML 15Page - Power Analog Micoelectronics PAM3115BEC285 Datasheet HTML 16Page - Power Analog Micoelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
Ordering Information
12
08/2007
PAM3115
1.5A Low Voltage-Low Dropout CMOS Regulator
Part Number
Output Voltage
Marking
Package
Type
Standard Package
PAM3115ABA090
0.9V
P3115Z
FATYW
SOT-223
3,000Units/Tape&Reel
PAM3115ALA090
0.9V
P3115Z
FATYW
TO-252
2,500Units/Tape&Reel
PAM3115BEC090
0.9V
P3115Z
FATYW
SOP-8
2,500Units/Tape&Reel
PAM3115ABA100
1.0V
P3115Y
FATYW
SOT-223
3,000Units/Tape&Reel
PAM3115ALA100
1.0V
P3115Y
FATYW
TO-252
2,500Units/Tape&Reel
PAM3115BEC100
1.0V
P3115Y
FATYW
SOP-8
2,500Units/Tape&Reel
PAM3115ABA120
1.2V
P3115B
FATYW
SOT-223
3,000Units/Tape&Reel
PAM3115ALA120
1.2V
P3115B
FATYW
TO-252
2,500Units/Tape&Reel
PAM3115BEC120
1.2V
P3115B
FATYW
SOP-8
2,500Units/Tape&Reel
PAM3115ABA150
1.5V
P3115C
FATYW
SOT-223
3,000Units/Tape&Reel
PAM3115ALA150
1.5V
P3115C
FATYW
TO-252
2,500Units/Tape&Reel
PAM3115BEC150
1.5V
P3115C
FATYW
SOP-8
2,500Units/Tape&Reel
PAM3115ABA180
1.8V
P3115E
FATYW
SOT-223
3,000Units/Tape&Reel
PAM3115ALA180
1.8V
P3115E
FATYW
TO-252
2,500Units/Tape&Reel
PAM3115BEC180
1.8V
P3115E
FATYW
SOP-8
2,500Units/Tape&Reel
PAM3115ABA250
2.5V
P3115G
FATYW
SOT-223
3,000Units/Tape&Reel
PAM3115ALA250
2.5V
P3115G
FATYW
TO-252
2,500Units/Tape&Reel
PAM3115BEC250
2.5V
P3115G
FATYW
SOP-8
2,500Units/Tape&Reel
,
Power Analog Microelectronics Inc
www.poweranalog.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com