Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM3115BEC285 Datasheet(PDF) 15 Page - Power Analog Micoelectronics

Part # PAM3115BEC285
Description  1.5A Low Voltage-Low Dropout CMOS Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM3115BEC285 Datasheet(HTML) 15 Page - Power Analog Micoelectronics

Back Button PAM3115BEC285 Datasheet HTML 8Page - Power Analog Micoelectronics PAM3115BEC285 Datasheet HTML 9Page - Power Analog Micoelectronics PAM3115BEC285 Datasheet HTML 10Page - Power Analog Micoelectronics PAM3115BEC285 Datasheet HTML 11Page - Power Analog Micoelectronics PAM3115BEC285 Datasheet HTML 12Page - Power Analog Micoelectronics PAM3115BEC285 Datasheet HTML 13Page - Power Analog Micoelectronics PAM3115BEC285 Datasheet HTML 14Page - Power Analog Micoelectronics PAM3115BEC285 Datasheet HTML 15Page - Power Analog Micoelectronics PAM3115BEC285 Datasheet HTML 16Page - Power Analog Micoelectronics  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
Outline Dimension
15
Dimensions(Millimeter)
Symbol
MIN
NOM MAX
A
6.70
7.00
7.30
C
2.90
3.00
3.10
D
0.02
0.06
0.10
E
0º
5º
10º
I
0.60
0.70
0.80
H
0.25
0.30
0.35
B
13º TYP
J2.30 REF.
1
6.30
6.50
6.70
2
6.30
6.50
6.70
3
3.30
3.50
3.70
4
3.30
3.50
3.70
5
1.40
1.60
1.80
C
l
J
1
2
3
B
4
E
SOT-223
08/2007
PAM3115
1.5A Low Voltage-Low Dropout CMOS Regulator
,
Power Analog Microelectronics Inc
www.poweranalog.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com