Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS41H100 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPS41H100
Description  LOW DROP POWER SCHOTTKY RECTIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS41H100 Datasheet(HTML) 1 Page - STMicroelectronics

  STPS41H100 Datasheet HTML 1Page - STMicroelectronics STPS41H100 Datasheet HTML 2Page - STMicroelectronics STPS41H100 Datasheet HTML 3Page - STMicroelectronics STPS41H100 Datasheet HTML 4Page - STMicroelectronics STPS41H100 Datasheet HTML 5Page - STMicroelectronics STPS41H100 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1/6
STPS41H100CG/CT/CR
July 2003 - Ed : 3A
LOW DROP POWER SCHOTTKY RECTIFIER
®
Dual center tab Schottky rectifier suited for Switch
Mode Power Supply and high frequency DC to DC
converters.
Packaged in D
2PAK, I2PAK and TO-220AB, this
device is intended for use in high frequency
inverters.
DESCRIPTION
s
NEGLIGIBLE SWITCHING LOSSES
s
LOW LEAKAGE CURRENT
s
GOOD TRADE OFF BETWEEN LEAKAGE
CURRENT AND FORWARD VOLTAGE DROP
s
LOW THERMAL RESISTANCE
s
AVALANCHE CAPABILITY SPECIFIED
FEATURES AND BENEFITS
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
100
V
IF(RMS)
RMS forward current
30
A
IF(AV)
Average forward current
Tc = 150°C
δ = 0.5
Per diode
20
A
Per device
40
IFSM
Surge non repetitive forward current
tp = 10 ms sinusoidal
220
A
IRRM
Peak repetitive reverse current
tp=2 µs square F=1kHz
1A
PARM
Repetitive peak avalanche power
tp = 1µs
Tj = 25°C
18100
W
Tstg
Storage temperature range
-65 to+175
°C
Tj
Maximum operating junction temperature *
175
°C
dV/dt
Critical rate of rise reverse voltage
10000
V/µs
ABSOLUTE RATINGS (limiting values, per diode)
IF(AV)
2x20A
VRRM
100 V
Tj (max)
175 °C
VF (max)
0.67 V
MAIN PRODUCTS CHARACTERISTICS
K
A1
A2
D
2PAK
STPS41H100CG
A1
K
A2
*:
dPtot
dTj
Rth j
a
<
−
1
()
thermal runaway condition for a diode on its own heatsink
A1
K
A2
TO-220AB
STPS41H100CT
I
2PAK
STPS41H100CR
A1
K
A2


Similar Part No. - STPS41H100

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS41H100C STMICROELECTRONICS-STPS41H100C Datasheet
200Kb / 9P
Low drop power Schottky rectifier
11-Apr-2012
STPS41H100C-Y STMICROELECTRONICS-STPS41H100C-Y Datasheet
109Kb / 7P
Automotive low drop power Schottky rectifier
21-Oct-2011
STPS41H100CG STMICROELECTRONICS-STPS41H100CG Datasheet
200Kb / 9P
Low drop power Schottky rectifier
11-Apr-2012
logo
Inchange Semiconductor ...
STPS41H100CG ISC-STPS41H100CG Datasheet
273Kb / 2P
Schottky Barrier Rectifier
logo
STMicroelectronics
STPS41H100CG-TR STMICROELECTRONICS-STPS41H100CG-TR Datasheet
200Kb / 9P
Low drop power Schottky rectifier
11-Apr-2012
More results

Similar Description - STPS41H100

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
1N581X STMICROELECTRONICS-1N581X Datasheet
61Kb / 5P
LOW DROP POWER SCHOTTKY RECTIFIER
Jul-2003
STPS10L40CT STMICROELECTRONICS-STPS10L40CT Datasheet
82Kb / 6P
LOW DROP POWER SCHOTTKY RECTIFIER
Jul-1999
STPS1L40A STMICROELECTRONICS-STPS1L40A Datasheet
76Kb / 5P
LOW DROP POWER SCHOTTKY RECTIFIER
REV. 5
STPS3L25S STMICROELECTRONICS-STPS3L25S Datasheet
55Kb / 4P
LOW DROP POWER SCHOTTKY RECTIFIER
Jun-1999
STPS40L45CT STMICROELECTRONICS-STPS40L45CT Datasheet
71Kb / 5P
LOW DROP POWER SCHOTTKY RECTIFIER
Nov-1999
STPS41L30CG STMICROELECTRONICS-STPS41L30CG Datasheet
99Kb / 6P
LOW DROP POWER SCHOTTKY RECTIFIER
Jul-2003
STPS40L40CT STMICROELECTRONICS-STPS40L40CT_03 Datasheet
77Kb / 5P
LOW DROP POWER SCHOTTKY RECTIFIER
Jul-2003
STPS5L25 STMICROELECTRONICS-STPS5L25_08 Datasheet
88Kb / 7P
Low drop power Schottky rectifier
15-Apr-2008
STPS41H100C STMICROELECTRONICS-STPS41H100C_12 Datasheet
200Kb / 9P
Low drop power Schottky rectifier
11-Apr-2012
STPS10L40C STMICROELECTRONICS-STPS10L40C Datasheet
145Kb / 9P
Low drop power Schottky rectifier
23-Mar-2007
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com