Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS41H100 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STPS41H100
Description  LOW DROP POWER SCHOTTKY RECTIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS41H100 Datasheet(HTML) 3 Page - STMicroelectronics

  STPS41H100 Datasheet HTML 1Page - STMicroelectronics STPS41H100 Datasheet HTML 2Page - STMicroelectronics STPS41H100 Datasheet HTML 3Page - STMicroelectronics STPS41H100 Datasheet HTML 4Page - STMicroelectronics STPS41H100 Datasheet HTML 5Page - STMicroelectronics STPS41H100 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
STPS41H100CG/CT/CR
3/6
0
50
100
150
200
250
300
1.E-03
1.E-02
1.E-01
1.E+00
t(s)
Tc=25°C
Tc=75°C
Tc=125°C
IM(A)
IM
t
δ=0.5
Fig. 5: Non repetitive surge peak forward current
versus overload duration (maximum values).
1.E-04
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
0
10
2030
405060
7080
90
100
VR(V)
Tj=150°C
Tj=125°C
Tj=25°C
Tj=100°C
Tj=75°C
Tj=50°C
IR(mA)
Fig. 7: Reverse leakage current versus reverse
voltage applied (typical values).
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-03
1.E-02
1.E-01
1.E+00
tp(s)
δ = 0.5
δ = 0.2
δ = 0.1
Single pulse
Zth(j-c)/Rth(j-c)
T
δ=tp/T
tp
Fig. 6: Relative variation of thermal impedance
junction to case versus pulse duration.
0.1
1.0
10.0
1
10
100
VR(V)
F=1MHz
Vosc=30mV
Tj=25°C
C(nF)
Fig. 8: Junction capacitance versus reverse voltage
applied (typical values).
0
0.2
0.4
0.6
0.8
1
1.2
0
25
50
75
100
125
150
T (°C)
j
P(t )
P
(25°C)
ARM p
ARM
Fig. 4: Normalized avalanche power derating
versus junction temperature.
0.001
0.01
0.1
0.01
1
0.1
10
100
1000
1
t (µs)
p
P(t )
P
(1µs)
ARM p
ARM
Fig. 3: Normalized avalanche power derating
versus pulse duration.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com