Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS5L25B Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPS5L25B
Description  LOW DROP POWER SCHOTTKY RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS5L25B Datasheet(HTML) 1 Page - STMicroelectronics

  STPS5L25B Datasheet HTML 1Page - STMicroelectronics STPS5L25B Datasheet HTML 2Page - STMicroelectronics STPS5L25B Datasheet HTML 3Page - STMicroelectronics STPS5L25B Datasheet HTML 4Page - STMicroelectronics STPS5L25B Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
STPS5L25B/B-1
®
August 1999 - Ed: 3A
LOW DROP POWER SCHOTTKY RECTIFIER
IF(AV)
5 A
VRRM
25 V
Tj (max)
150°C
VF (max)
0.35 V
MAIN PRODUCT CHARACTERISTICS
VERY LOW FORWARD VOLTAGE DROP FOR
LESS POWER DISSIPATION AND REDUCED
HEATSINK
OPTIMIZED CONDUCTION/REVERSE LOSSES
TRADE-OFF WHICH MEANS THE HIGHEST
EFFICIENCY IN THE APPLICATIONS
HIGH POWER SURFACE MOUNT MINIATURE
PACKAGE
AVALANCHE RATED
FEATURES AND BENEFITS
Single Schottky rectifier suited to Switched Mode
Power Supplies and high frequency DC to DC con-
verters.
This device is especially intended for use as a Rec-
tifier at the secondary of 3.3V SMPS units.
DESCRIPTION
DPAK
STPS5L25B
1
2
3
4
NC
1
2
3
4
NC
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
25
V
IF(RMS)
RMS forward current
7
A
IF(AV)
Average forward current
Tc = 145°C
δ = 0.5
5
A
IFSM
Surge non repetitive forward current
tp = 10 ms Sinusoidal
75
A
IRRM
Repetitive peak reverse current
tp=2
µs square F=1kHz
1
A
IRSM
Non repetitive peak reverse current
tp = 100
µs square
2
A
Tstg
Storage temperature range
- 65 to + 150
°C
Tj
Maximum operating junction temperature *
150
°C
dV/dt
Critical rate of rise of reverse voltage
10000
V/
µs
ABSOLUTE RATINGS (limiting values)
2
4(TAB)
3
IPAK
STPS5L25B-1
* :
dPtot
dTj
<
1
Rth
(j−a)
thermal runaway condition for a diode on its own heatsink
1/5


Similar Part No. - STPS5L25B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS5L25B-TR STMICROELECTRONICS-STPS5L25B-TR Datasheet
88Kb / 7P
Low drop power Schottky rectifier
15-Apr-2008
STPS5L25B-TR STMICROELECTRONICS-STPS5L25B-TR Datasheet
333Kb / 8P
Low drop power Schottky rectifier
15-May-2017
More results

Similar Description - STPS5L25B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
1N581X STMICROELECTRONICS-1N581X Datasheet
61Kb / 5P
LOW DROP POWER SCHOTTKY RECTIFIER
Jul-2003
STPS10L40CT STMICROELECTRONICS-STPS10L40CT Datasheet
82Kb / 6P
LOW DROP POWER SCHOTTKY RECTIFIER
Jul-1999
STPS1L40A STMICROELECTRONICS-STPS1L40A Datasheet
76Kb / 5P
LOW DROP POWER SCHOTTKY RECTIFIER
REV. 5
STPS3L25S STMICROELECTRONICS-STPS3L25S Datasheet
55Kb / 4P
LOW DROP POWER SCHOTTKY RECTIFIER
Jun-1999
STPS40L45CT STMICROELECTRONICS-STPS40L45CT Datasheet
71Kb / 5P
LOW DROP POWER SCHOTTKY RECTIFIER
Nov-1999
STPS41L30CG STMICROELECTRONICS-STPS41L30CG Datasheet
99Kb / 6P
LOW DROP POWER SCHOTTKY RECTIFIER
Jul-2003
STPS40L40CT STMICROELECTRONICS-STPS40L40CT_03 Datasheet
77Kb / 5P
LOW DROP POWER SCHOTTKY RECTIFIER
Jul-2003
STPS5L25 STMICROELECTRONICS-STPS5L25_08 Datasheet
88Kb / 7P
Low drop power Schottky rectifier
15-Apr-2008
STPS41H100C STMICROELECTRONICS-STPS41H100C_12 Datasheet
200Kb / 9P
Low drop power Schottky rectifier
11-Apr-2012
STPS10L40C STMICROELECTRONICS-STPS10L40C Datasheet
145Kb / 9P
Low drop power Schottky rectifier
23-Mar-2007
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com