Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS5L25B Datasheet(PDF) 2 Page - STMicroelectronics

Part # STPS5L25B
Description  LOW DROP POWER SCHOTTKY RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS5L25B Datasheet(HTML) 2 Page - STMicroelectronics

  STPS5L25B Datasheet HTML 1Page - STMicroelectronics STPS5L25B Datasheet HTML 2Page - STMicroelectronics STPS5L25B Datasheet HTML 3Page - STMicroelectronics STPS5L25B Datasheet HTML 4Page - STMicroelectronics STPS5L25B Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Symbol
Parameter
Value
Unit
Rth(j-c)
Junction to case
2.5
°C/W
THERMAL RESISTANCES
Symbol
Tests Conditions
Tests Conditions
Min.
Typ.
Max.
Unit
IR *
Reverse leakage current
Tj = 25
°CVR = VRRM
350
µA
Tj = 125
°C
55
115
mA
VF *
Forward voltage drop
Tj = 25
°CIF = 5 A
0.47
V
Tj = 125
°CIF = 5 A
0.31
0.35
Tj = 25
°CIF = 10 A
0.59
Tj = 125
°CIF = 10 A
0.41
0.50
STATIC ELECTRICAL CHARACTERISTICS
Pulse test :
* tp = 380
µs, δ < 2%
To evaluate the maximum conduction losses use the following equation :
P = 0.2 x IF(AV) + 0.030 IF
2
(RMS)
0
1
2345
6
0.0
0.5
1.0
1.5
2.0
2.5
IF(av) (A)
PF(av)(W)
δ = 0.2
δ = 0.5
δ = 1
δ = 0.05
δ = 0.1
T
δ=tp/T
tp
Fig. 1: Average forward power dissipation versus
average forward current.
0
25
50
75
100
125
150
0
1
2
3
4
5
6
IF(av)(A)
Rth(j-a)=70°C/W
Rth(j-a)=Rth(j-c)
Tamb(°C)
T
δ=tp/T
tp
Fig. 2: Average forward current versus ambient
temperature (
δ=0.5).
STPS5L25B/B-1
2/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com