Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC458 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # 2SC458
Description  Silicon NPN Epitaxial
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC458 Datasheet(HTML) 6 Page - Renesas Technology Corp

  2SC458 Datasheet HTML 1Page - Renesas Technology Corp 2SC458 Datasheet HTML 2Page - Renesas Technology Corp 2SC458 Datasheet HTML 3Page - Renesas Technology Corp 2SC458 Datasheet HTML 4Page - Renesas Technology Corp 2SC458 Datasheet HTML 5Page - Renesas Technology Corp 2SC458 Datasheet HTML 6Page - Renesas Technology Corp 2SC458 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
2SC458 (LG), 2SC2310
4
0
50
100
150
Ambient Temperature Ta (
°C)
Maximum Collector Dissipation Curve
300
200
100
Collector to Emitter Voltage VCE (V)
0
Typical Output Characteristics
10
8
6
4
2
25
20
15
10
5
IB = 0
10
µA
20
30
40
50
60
P
C =
200mW
Typical Transfer Characteristics
1
0
2
3
4
5
Base to Emitter Voltage VBE (V)
1.0
0.8
0.6
0.4
0.2
VCE = 12 V
DC Current Transfer Ratio vs.
Collector Current
Collector Current IC (mA)
0.03
0.1
30
0.3
3
1.0
10
0
100
200
300
VCE = 12 V
25
Ta =
75°
C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com