Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC458 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # 2SC458
Description  Silicon NPN Epitaxial
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC458 Datasheet(HTML) 7 Page - Renesas Technology Corp

  2SC458 Datasheet HTML 1Page - Renesas Technology Corp 2SC458 Datasheet HTML 2Page - Renesas Technology Corp 2SC458 Datasheet HTML 3Page - Renesas Technology Corp 2SC458 Datasheet HTML 4Page - Renesas Technology Corp 2SC458 Datasheet HTML 5Page - Renesas Technology Corp 2SC458 Datasheet HTML 6Page - Renesas Technology Corp 2SC458 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
2SC458 (LG), 2SC2310
5
Small Signal Current Transfer Ratio vs.
Collector Current
Collector Current IC (mA)
0.03
0.1
30
0.3
3
1.0
10
0
100
200
300
f = 270 Hz
VCE = 12 V
Base to Emitter Voltage vs.
Ambient Temperature
Ambient Temperature Ta (
°C)
–20
0
80
20
60
40
0.4
0.5
0.6
0.8
0.7
0.9
VCE = 12 V
IC = 2 mA
Collector Output Capacitance vs.
Collector to Base Voltage
Collector to Base Voltage VCB (V)
420
816
12
0
1
2
4
3
5
IE = 0
f = 1 MHz
Emitter Input Capacitance vs.
Emitter to Base Voltage
Emitter to Base Voltage VEB (V)
210
48
6
0
1
2
4
3
5
IC = 0
f = 1 MHz



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com