Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC1472K Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # 2SC1472K
Description  Silicon NPN Epitaxial, Darlington
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC1472K Datasheet(HTML) 1 Page - Renesas Technology Corp

  2SC1472K Datasheet HTML 1Page - Renesas Technology Corp 2SC1472K Datasheet HTML 2Page - Renesas Technology Corp 2SC1472K Datasheet HTML 3Page - Renesas Technology Corp 2SC1472K Datasheet HTML 4Page - Renesas Technology Corp 2SC1472K Datasheet HTML 5Page - Renesas Technology Corp 2SC1472K Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Rev.2.00 Aug 10, 2005 page 1 of 5
2SC1472(K)
Silicon NPN Epitaxial, Darlington
REJ03G0688-0200
(Previous ADE-208-1054)
Rev.2.00
Aug.10.2005
Application
High gain amplifier
Outline
1. Emitter
2. Collector
3. Base
RENESAS Package code: PRSS0003DA-A
(Package name: TO-92 (1))
3
2
1
3
2
1
Absolute Maximum Ratings
(Ta = 25°C)
Item
Symbol
Ratings
Unit
Collector to base voltage
VCBO
40
V
Collector to emitter voltage
VCEO
30
V
Emitter to base voltage
VEBO
10
V
Collector current
IC
300
mA
Collector peak current
iC(peak)
500
mA
Collector power dissipation
PC
500
mW
Junction temperature
Tj
150
°C
Storage temperature
Tstg
–55 to +150
°C


Similar Part No. - 2SC1472K

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SC1472K HITACHI-2SC1472K Datasheet
47Kb / 8P
Silicon NPN Epitaxial, Darlington
More results

Similar Description - 2SC1472K

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SC1472 HITACHI-2SC1472 Datasheet
47Kb / 8P
Silicon NPN Epitaxial, Darlington
2SC3957 HITACHI-2SC3957 Datasheet
33Kb / 6P
Silicon NPN Epitaxial, Darlington
2SD1209 HITACHI-2SD1209 Datasheet
31Kb / 6P
Silicon NPN Epitaxial, Darlington
2SD1470 HITACHI-2SD1470 Datasheet
32Kb / 6P
Silicon NPN Epitaxial, Darlington
2SD1978 HITACHI-2SD1978 Datasheet
32Kb / 6P
Silicon NPN Epitaxial, Darlington
2SD2213 HITACHI-2SD2213 Datasheet
32Kb / 6P
Silicon NPN Epitaxial, Darlington
2SD2423 HITACHI-2SD2423 Datasheet
34Kb / 6P
Silicon NPN Epitaxial, Darlington
logo
Renesas Technology Corp
2SD1209 RENESAS-2SD1209 Datasheet
156Kb / 6P
Silicon NPN Epitaxial, Darlington
2SD1978 RENESAS-2SD1978 Datasheet
159Kb / 6P
Silicon NPN Epitaxial, Darlington
2SD1472 RENESAS-2SD1472_15 Datasheet
127Kb / 8P
Silicon NPN Epitaxial, Darlington
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com