Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC1472K Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # 2SC1472K
Description  Silicon NPN Epitaxial, Darlington
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC1472K Datasheet(HTML) 2 Page - Renesas Technology Corp

  2SC1472K Datasheet HTML 1Page - Renesas Technology Corp 2SC1472K Datasheet HTML 2Page - Renesas Technology Corp 2SC1472K Datasheet HTML 3Page - Renesas Technology Corp 2SC1472K Datasheet HTML 4Page - Renesas Technology Corp 2SC1472K Datasheet HTML 5Page - Renesas Technology Corp 2SC1472K Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2SC1472(K)
Rev.2.00 Aug 10, 2005 page 2 of 5
Electrical Characteristics
(Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test conditions
Collector to emitter breakdown voltage
V(BR)CEO
30
—
—
V
IC = 1 mA, RBE =
∞
Collector cutoff current
ICBO
—
—
100
nA
VCB = 30 V, IE = 0
Emitter cutoff current
IEBO
—
—
100
nA
VEB = 10 V, IC = 0
DC current transfer ratio
hFE1*
1
2000
—
100000
IC = 10 mA, VCE = 5 V
hFE2*
1
3000
—
—
IC = 100 mA, VCE = 5 V
(Pulse Test)
hFE3*
1
3000
—
—
IC = 400 mA, VCE = 5 V
(Pulse Test)
Collector to emitter saturation voltage
VCE(sat)
—
—
1.5
V
IC = 100 mA, IB = 0.1 mA
Base to emitter voltage
VBE(sat)
—
—
2.0
V
IC = 100 mA, IB = 0.1 mA
Gain bandwidth product
fT
50
—
—
MHz
VCE = 5 V, IC = 10 mA
Collector output capacitance
Cob
—
—
10
pF
VCB = 10 V, IE = 0, f = 1 MHz
Turn on time
ton
—
60
—
ns
VCC = 11 V
IC = 100 IB1 = 100 mA
IB2 = –IB1
Turn off time
toff
—
800
—
ns
Storage time
tstg
—
350
—
ns
Note:
1. The 2SC1472(K) is grouped by hFE as follows.
A
B
hFE1
2000 to 100000 5000 to 100000
hFE2
3000 min
10000 min
hFE3
3000 min
10000 min
Switching Time Test Circuit
50
50
0.002
–6 V
6 k
100
11 V
6 k
D.U.T.
CRT
P.G.
tr, tf
≤ 15 ns
PW 10
µs
duty ratio
≤ 10%
+
–
50
0.002
+
–
Unit R :
Ω
C :
µF
13 V
0
0
10%
Response Waveform
90%
ton
toff
td
tstg
Input
Output
90%
10%
10%
90%



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com