Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC1906 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # 2SC1906
Description  Silicon NPN Epitaxial Planar
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC1906 Datasheet(HTML) 4 Page - Renesas Technology Corp

  2SC1906 Datasheet HTML 1Page - Renesas Technology Corp 2SC1906 Datasheet HTML 2Page - Renesas Technology Corp 2SC1906 Datasheet HTML 3Page - Renesas Technology Corp 2SC1906 Datasheet HTML 4Page - Renesas Technology Corp 2SC1906 Datasheet HTML 5Page - Renesas Technology Corp 2SC1906 Datasheet HTML 6Page - Renesas Technology Corp 2SC1906 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
2SC1906
Rev.2.00 Aug 10, 2005 page 4 of 6
2
5
20
50
10
200
100
0.1
0.2
0.5
1.0
Collector Current IC (mA)
Base Time Constant vs.
Collector Currnt
25
10
VCB = 10 V
f = 31.8 MHz
0
2
4
8
6
12
10
46
8
2
Input Conductance gie (mS)
Input Admittance vs. Frequency
10
12
yie = gie+jbie
VCE = 9 V
f = 25 MHz
IC = 1 mA
2 mA 4 mA
8 mA
12 mA
50
100
200
250
0
1
2
4
3
6
5
0.4
0.6
0.8
0.2
Output Conductance goe (mS)
Output Admittance vs. Frequency
1.0
1.2
yoe = goe+jboe
VCE = 9 V
f = 25 MHz
IC = 1 mA
50
100
200
250
12
8
4
2
–1.6
–1.2
–0.8
–0.4
–2.0
0
Reverse Transfer Conductance gre (mS)
Reverse Transfer Admittance vs.
Frequency
–0.02
–0.04
–0.06
–0.08
–0.10
0
yre = gre+jbre
VCE = 9 V
f = 25 MHz
IC = 21 mA
50
100
200
250
8
4
2
1
–100
–40
0
–20
–120
20
Forward Transfer Conductance gfe (mS)
Forward Transfer Admittance vs.
Frequency
100 120 140
80
60
20
40
0
yfe = gfe+jbfe
VCE = 9 V
f =
25
MHz
IC = 1 mA
25
12
50
80
100
150
2
4
8
200
–60
–80
10
11
12
14
13
17
16
15
0.1
0.2
0
Injection Voltage Vinj (V)
Conversion Gain vs. Local Oscillating
Injection Voltage
0.3
VCB = 9 V
IE = 3.5 mA
fs = 200 MHz
fosc = 245 MHz
fIF = 45 MHz
Emitter Inject



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com