Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC1906 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 2SC1906
Description  Silicon NPN Epitaxial Planar
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC1906 Datasheet(HTML) 3 Page - Renesas Technology Corp

  2SC1906 Datasheet HTML 1Page - Renesas Technology Corp 2SC1906 Datasheet HTML 2Page - Renesas Technology Corp 2SC1906 Datasheet HTML 3Page - Renesas Technology Corp 2SC1906 Datasheet HTML 4Page - Renesas Technology Corp 2SC1906 Datasheet HTML 5Page - Renesas Technology Corp 2SC1906 Datasheet HTML 6Page - Renesas Technology Corp 2SC1906 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
2SC1906
Rev.2.00 Aug 10, 2005 page 3 of 6
Main Characteristics
0
100
200
300
50
Ambient Temperature Ta (°C)
Maximum Collector Dissipation Curve
100
150
0
4
12
8
20
16
8
4
Collector to Emitter Voltage VCE (V)
Typical Output Characteristics
12
16
20
40
IB = 20 µA
80
60
100
120
140
160
180
0
4
12
8
20
16
0.4
0.2
Base to Emitter Voltage VBE (V)
Typical Transfer Characteristics
0.6
0.8
1.0
VCE = 10 V
0
20
60
40
120
100
80
25
0.5 1.0
0.1 0.2
Collector Current IC (mA)
DC Current Transfer Ratio vs.
Collector Current
10 20
50 100
VCE = 10 V
0
4
12
8
20
16
8
4
Collector to Emitter Voltage VCE (V)
Gain Bandwidth Product Curve
12
16
20
f T=
1,000
MHz
500
600
200
0
600
400
1,200
1,000
800
3
1.0
0.1
0.3
Collector Current IC (mA)
Gain Bandwidth Product vs.
Collector Current
10
30
100
VCE = 10 V
f = 100 MHz



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com