Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS5L60RL Datasheet(PDF) 2 Page - STMicroelectronics

Part # STPS5L60RL
Description  POWER SCHOTTKY RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS5L60RL Datasheet(HTML) 2 Page - STMicroelectronics

  STPS5L60RL Datasheet HTML 1Page - STMicroelectronics STPS5L60RL Datasheet HTML 2Page - STMicroelectronics STPS5L60RL Datasheet HTML 3Page - STMicroelectronics STPS5L60RL Datasheet HTML 4Page - STMicroelectronics STPS5L60RL Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
STPS5L60
2/4
Symbol
Parameter
Value
Unit
Rth(j-a)
Junction to ambient
75
°C/W
Rth(j-l)
Junction to leads
Lead length = 10 mm
15
°C/W
THERMAL PARAMETERS
Symbol
Parameter
Tests conditions
Min.
Typ.
Max.
Unit
IR *
Reverse leakage current
Tj = 25°C
VR =VRRM
0.22
mA
Tj = 100°C
10
25
Tj = 125°C
40
100
VF *
Forward voltage drop
Tj = 25°C
IF =5 A
0.47
0.52
V
Tj = 100°C
0.43
0.49
Tj = 125°C
0.42
0.48
Pulse test : * tp = 380 µs,
δ <2%
To evaluate the maximum conduction losses use the following equation:
P=0.39xIF(AV) + 0.028 x IF
2
(RMS)
STATIC ELECTRICAL CHARACTERISTICS
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
IF(av)(A)
PF(av)(W)
δ = 0.05
δ = 0.1
δ = 0.2
δ = 0.5
δ = 1
T
δ=tp/T
tp
Fig. 1: Conduction losses versus average current.
0
1
2
3
4
5
6
0
25
50
75
100
125
150
Tamb(°C)
Rth(j-a)=Rth(j-l)
Rth(j-a)=75°C/W
T
δ=tp/T
tp
IF(av)(A)
Fig. 2: Average forward current versus ambient
temperature (
δ = 0.5).



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com