Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS5L60RL Datasheet(PDF) 4 Page - STMicroelectronics

Part # STPS5L60RL
Description  POWER SCHOTTKY RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS5L60RL Datasheet(HTML) 4 Page - STMicroelectronics

  STPS5L60RL Datasheet HTML 1Page - STMicroelectronics STPS5L60RL Datasheet HTML 2Page - STMicroelectronics STPS5L60RL Datasheet HTML 3Page - STMicroelectronics STPS5L60RL Datasheet HTML 4Page - STMicroelectronics STPS5L60RL Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
STPS5L60
4/4
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
VFM(V)
Tj=25°C
(Maximum values)
Tj=125°C
(Maximum values)
Tj=125°C
(Maximum values)
Tj=125°C
(Typical values)
Tj=125°C
(Typical values)
IFM(A)
Fig. 9-1: Forward voltage drop versus forward
current (low level).
1
10
100
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
VFM(V)
Tj=25°C
(Maximum values)
Tj=125°C
(Maximum values)
Tj=125°C
(Maximum values)
Tj=125°C
(Typical values)
Tj=125°C
(Typical values)
IFM(A)
Fig. 9-2: Forward voltage drop versus forward
current (high level).
0
10
20
30
40
50
60
70
80
01234
56789
10
S(cm²)
Rth(j-a)(°C/W)
Fig. 10: Thermal resistance junction to ambient
versus copper surface under each lead (epoxy
printed board FR4, Cu = 35µm).
0
10
20
30
40
50
60
70
80
5
10
152025
Lleads(cm)
Rth(j-a): Epoxy printed circuit board FR4 (Cu=35µm)
Rth(j-l)
Rth(°C/W)
Fig. 11: Thermal resistances versus leads length.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com