Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM8303DAYN Datasheet(PDF) 6 Page - Power Analog Micoelectronics

Part # PAM8303DAYN
Description  Ultra Low EMI, 3W Filterless Mono Class-D Audio Power Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM8303DAYN Datasheet(HTML) 6 Page - Power Analog Micoelectronics

Back Button PAM8303DAYN Datasheet HTML 2Page - Power Analog Micoelectronics PAM8303DAYN Datasheet HTML 3Page - Power Analog Micoelectronics PAM8303DAYN Datasheet HTML 4Page - Power Analog Micoelectronics PAM8303DAYN Datasheet HTML 5Page - Power Analog Micoelectronics PAM8303DAYN Datasheet HTML 6Page - Power Analog Micoelectronics PAM8303DAYN Datasheet HTML 7Page - Power Analog Micoelectronics PAM8303DAYN Datasheet HTML 8Page - Power Analog Micoelectronics PAM8303DAYN Datasheet HTML 9Page - Power Analog Micoelectronics PAM8303DAYN Datasheet HTML 10Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Electrical Characteristic (continued)
T =25 C, V =5V, Gain=2V/V, R =L(33 H)+R+L(33 H), unless otherwise noted
ADD
L
°μ
μ
.
PAM8303D
Ultra Low EMI, 3W Filterless
Mono Class-D Audio Power Amplifier
6
,
Power Analog Microelectronics Inc
www.poweranalog.com
09/2008 Rev 1.4
Symbol
Parameter
Test Conditions
MIM
TYP
MAX
UNIT
RL=8Ω, THD=10%
85
90
ηEfficiency
RL=4Ω, THD=10%
f=1kHz
80
86
%
VDD=5V
7.5
10
V
DD=3.6V
4.6
7
IQ
Quiescent Current
V
DD=3.0V
R=8Ω
3.6
5
mA
ISD
Shutdown Current
VDD=3V to 5V
VSD=0.3V
0.5
2
μA
VDD=5V
280
350
VDD=3.6V
300
375
CSP package
,High Side
PMOS plus Low Side
NMOS, I=500mA
VDD=3V
325
400
mΩ
VDD=5V
365
420
VDD=3.6V
385
450
Rdson
Static Drain-to-source
On-state Resistor
MSOP/DFN package
,
High Side PMOS plus
Low Side NMOS,
I=500mA
VDD=3V
410
500
mΩ
Ri
Input Resistance
150
kΩ
fsw
Switching Frequency
VDD=3V to 5V
200
250
300
kHz
Gv
Closed-loop Gain
VDD=3V to 5V
300kΩ/Ri
V/V
Vos
Output Offset Voltage
Input ac-ground,VDD=5V
10
50
mV
VIH
Enable Input High Voltage
VDD=5V
1.5
VIL
Enable Input Low Voltage
VDD=5V
0.3
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com