Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM8303DAYN Datasheet(PDF) 14 Page - Power Analog Micoelectronics

Part # PAM8303DAYN
Description  Ultra Low EMI, 3W Filterless Mono Class-D Audio Power Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM8303DAYN Datasheet(HTML) 14 Page - Power Analog Micoelectronics

Back Button PAM8303DAYN Datasheet HTML 9Page - Power Analog Micoelectronics PAM8303DAYN Datasheet HTML 10Page - Power Analog Micoelectronics PAM8303DAYN Datasheet HTML 11Page - Power Analog Micoelectronics PAM8303DAYN Datasheet HTML 12Page - Power Analog Micoelectronics PAM8303DAYN Datasheet HTML 13Page - Power Analog Micoelectronics PAM8303DAYN Datasheet HTML 14Page - Power Analog Micoelectronics PAM8303DAYN Datasheet HTML 15Page - Power Analog Micoelectronics PAM8303DAYN Datasheet HTML 16Page - Power Analog Micoelectronics PAM8303DAYN Datasheet HTML 17Page - Power Analog Micoelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
14
PAM8303D
Ultra Low EMI, 3W Filterless
Mono Class-D Audio Power Amplifier
,
Power Analog Microelectronics Inc
www.poweranalog.com
Ordering Information
Pin Configuration
PAM8303D X X X
Number of pins
Package Type
Pin Configuration
Package Type
Number of pins
A:
A1: IN+
A2: GND
A3: OUT-
B1: VDD
B2: PVDD
B3: GND
C1: IN-
C2: SD
C3: OUT+
B:
1: OUT+
2: PVDD
3: VDD
4: IN-
5: IN+
6: SD
7: GND
8: OUT-
Z: WCSP
Y: DFN 3x3
S: MSOP
C: 8
N: 9
09/2008 Rev 1.4
Part Number
Marking
Package Type
MOQ
PAM8303DAZN
BC
YW
WCSP 9
3,000 Units/ Tape & Reel
PAM8303DBYC
P8303D
XXXXYW
DFN 3x3
3,000 Units/ Tape & Reel
PAM8303DBSC
P8303D
XXXXYW
MSOP-8
2,500 Units/ Tape & Reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com