Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS60L15CW Datasheet(PDF) 2 Page - STMicroelectronics

Part # STPS60L15CW
Description  LOW DROP OR-ing POWER SCHOTTKY DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS60L15CW Datasheet(HTML) 2 Page - STMicroelectronics

  STPS60L15CW Datasheet HTML 1Page - STMicroelectronics STPS60L15CW Datasheet HTML 2Page - STMicroelectronics STPS60L15CW Datasheet HTML 3Page - STMicroelectronics STPS60L15CW Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
STPS60L15CW
2/4
Symbol
Parameter
Tests Conditions
Min.
Typ.
Max.
Unit
IR *
Reverse leakage current
Tj = 25°C
VR =VRRM
16
mA
Tj = 100°C
0.35
0.85
A
VF *
Forward voltage drop
Tj = 25
°CIF =30 A
0.41
V
Tj=25
°CIF =60 A
0.49
Tj = 125°C
IF =30 A
0.27
0.33
Tj = 125°C
IF =60 A
0.39
0.44
Pulse test : * tp = 380
µs, δ <2%
To evaluate the conduction losses use the following equation:
P=0.22xIF(AV) + 0.0036 IF
2
(RMS)
STATIC ELECTRICAL CHARACTERISTICS (Per diode)
Symbol
Parameter
Value
Unit
Rth(j-c)
Junction to case
Per diode
0.8
°C/W
Total
0.55
Rth(c)
Coupling
0.3
°C/W
When the diodes 1 and 2 are used simultaneously:
Tj (diode 1) = P (diode 1) x Rth(j-c) (per diode) + P (diode 2) x Rth(c)
THERMAL RESISTANCES
0.0
2.5
5.0
7.5
10.0
12.5
15.0
0
5
10
15
20
25
30
35
40
P
(W)
F(AV)
I
(A)
F(AV)
T
δ=tp/T
tp
δ = 0.05
δ = 0.1
δ = 0.2
δ = 0.5
δ = 1
Fig.
1:
Conduction
losses
versus
average
current).
0
5
10
15
20
25
30
35
0
25
50
75
100
125
I
(A)
F(AV)
T
(°C)
amb
R=R
th(j-a)
th(j-c)
R
=15°C/W
th(j-a)
Fig. 2: Average forward current versus ambient
temperature (
δ=0.5).
0
0.2
0.4
0.6
0.8
1
1.2
0
25
50
75
100
125
150
T (°C)
j
P(t )
P
(25°C)
ARM p
ARM
Fig. 4: Normalized avalanche power derating
versus junction temperature.
0.001
0.01
0.1
0.01
1
0.1
10
100
1000
1
t (µs)
p
P(t )
P
(1µs)
ARM p
ARM
Fig. 3: Normalized avalanche power derating
versus pulse duration.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com