Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS60L15CW Datasheet(PDF) 3 Page - STMicroelectronics

Part # STPS60L15CW
Description  LOW DROP OR-ing POWER SCHOTTKY DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS60L15CW Datasheet(HTML) 3 Page - STMicroelectronics

  STPS60L15CW Datasheet HTML 1Page - STMicroelectronics STPS60L15CW Datasheet HTML 2Page - STMicroelectronics STPS60L15CW Datasheet HTML 3Page - STMicroelectronics STPS60L15CW Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
STPS60L15CW
3/4
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-03
1.E-02
1.E-01
1.E+00
Z/R
th(j-c)
th(j-c)
t (s)
p
T
δ=tp/T
tp
Single pulse
δ = 0.5
δ = 0.2
δ = 0.1
Fig. 6: Relative variation of thermal impedance
junction to case versus pulse duration.
1.E+00
1.E+01
1.E+02
1.E+03
1.E+04
0.0
2.5
5.0
7.5
10.0
12.5
15.0
I (mA)
R
V (V)
R
T =125°C
j
T =100°C
j
T =75°C
j
T =50°C
j
T =25°C
j
Fig. 7: Reverse leakage current versus reverse
voltage applied (typical values).
1.0
10.0
1
10
100
C(nF)
F=1MHz
V
=30mV
T =25°C
OSC
j
V (V)
R
Fig. 8: Junction capacitance versus reverse
voltage applied (typical values).
1
10
100
1000
0.0
0.2
0.4
0.6
0.8
1.0
1.2
I
(A)
FM
V
(V)
FM
T =125°C
(maximum values)
j
T =25°C
(maximum values)
j
T =125°C
(typical values)
j
Fig. 9: Forward voltage drop versus forward
current.
0
50
100
150
200
250
300
350
400
450
500
1.E-03
1.E-02
1.E-01
1.E+00
I (A)
M
t(s)
T =25°C
C
T =50°C
C
T =100°C
C
IM
t
δ=0.5
Fig. 5: Non repetitive surge peak forward current
versus overload duration (maximum values).



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com