Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS6045 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPS6045
Description  POWER SCHOTTKY RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS6045 Datasheet(HTML) 1 Page - STMicroelectronics

  STPS6045 Datasheet HTML 1Page - STMicroelectronics STPS6045 Datasheet HTML 2Page - STMicroelectronics STPS6045 Datasheet HTML 3Page - STMicroelectronics STPS6045 Datasheet HTML 4Page - STMicroelectronics STPS6045 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
STPS6045CP/CPI/CW
June 1999 - Ed:5B
POWER SCHOTTKY RECTIFIER
®
Dual center tap Schottky rectifier suited for
switchmode power supply and high frequency DC
to DC converters.
Packaged either in SOT-93, TOP-3I or TO-247,
this device is intended for use in low voltage, high
frequency inverters, free wheeling and polarity
protectionapplications.
DESCRIPTION
SOT-93
STPS6045CP
VERY SMALL CONDUCTION LOSSES
NEGLIGIBLE SWITCHING LOSSES
EXTREME FAST SWITCHING
LOW THERMAL RESISTANCE
INSULATED PACKAGE: TOP-3I
Insulating voltage = 2500VRMS
Capacitance = 12pF
FEATURES AND BENEFITS
A1
K
A2
K
A1
A2
TO-247
STPS6045CW
A1
K
A2
A1
K
A2
Insulated
TOP-3I
STPS6045CPI
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
45
V
IF(RMS)
RMS forward current
60
A
IF(AV)
Average forward current
δ = 0.5
SOT-93
TO-247
Tc = 150
°C Per diode
30
A
TOP-3I
Tc = 130
°C Per device
60
IFSM
Surge non repetitive forward current
tp = 10 ms sinusoidal
400
A
IRRM
Repetitive Peak reverse current
tp = 2
µs square
F = 1kHz
1A
IRSM
Non repetitive peak reverse current
tp = 100
µs square
3A
Tstg
Storage temperature range
- 65 to + 175
°C
Tj
Maximum operating junction temperature *
175
°C
dV/dt
Critical rate of rise of reverse voltage
10000
V/
µs
ABSOLUTE RATINGS (limiting values, per diode)
IF(AV)
2x30 A
VRRM
45 V
Tj (max)
175
°C
VF (max)
0.63 V
MAIN PRODUCT CHARACTERISTICS
*:
dPtot
dTj
<
1
Rth
(j−a)
thermal runaway condition for a diode on its own heatsink
1/5


Similar Part No. - STPS6045

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS6045C STMICROELECTRONICS-STPS6045C Datasheet
251Kb / 9P
Power Schottky Rectifier
STPS6045CP STMICROELECTRONICS-STPS6045CP Datasheet
118Kb / 5P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS6045CPI STMICROELECTRONICS-STPS6045CPI Datasheet
118Kb / 5P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS6045CP STMICROELECTRONICS-STPS6045CP_03 Datasheet
118Kb / 5P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS6045CW STMICROELECTRONICS-STPS6045CW Datasheet
118Kb / 5P
POWER SCHOTTKY RECTIFIER
Jul-2003
More results

Similar Description - STPS6045

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS1045D STMICROELECTRONICS-STPS1045D Datasheet
87Kb / 5P
POWER SCHOTTKY RECTIFIER
Sep-1999
STPS140A STMICROELECTRONICS-STPS140A Datasheet
75Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-1998
STPS140Z STMICROELECTRONICS-STPS140Z Datasheet
53Kb / 5P
POWER SCHOTTKY RECTIFIER
May-1999
STPS1L60 STMICROELECTRONICS-STPS1L60 Datasheet
65Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS2L60 STMICROELECTRONICS-STPS2L60 Datasheet
65Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS3L60 STMICROELECTRONICS-STPS3L60 Datasheet
69Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS41L60CG STMICROELECTRONICS-STPS41L60CG Datasheet
100Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS640CT STMICROELECTRONICS-STPS640CT Datasheet
75Kb / 6P
POWER SCHOTTKY RECTIFIER
Aug-1999
STPS1645D STMICROELECTRONICS-STPS1645D Datasheet
47Kb / 4P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS30M60S STMICROELECTRONICS-STPS30M60S Datasheet
178Kb / 9P
Power Schottky rectifier
14-Oct-2011
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com