Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74LVC2G126 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # HD74LVC2G126
Description  Dual Bus Buffer with 3-state Output
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LVC2G126 Datasheet(HTML) 7 Page - Renesas Technology Corp

  HD74LVC2G126 Datasheet HTML 1Page - Renesas Technology Corp HD74LVC2G126 Datasheet HTML 2Page - Renesas Technology Corp HD74LVC2G126 Datasheet HTML 3Page - Renesas Technology Corp HD74LVC2G126 Datasheet HTML 4Page - Renesas Technology Corp HD74LVC2G126 Datasheet HTML 5Page - Renesas Technology Corp HD74LVC2G126 Datasheet HTML 6Page - Renesas Technology Corp HD74LVC2G126 Datasheet HTML 7Page - Renesas Technology Corp HD74LVC2G126 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
HD74LVC2G126
Rev.2.00 Apr 13, 2006 page 7 of 7
Package Dimensions
0.20
0.05
0.50
0.90
0.50
Max
Nom
Min
Dimension in Millimeters
Symbol
Reference
0.25
0.20
(0.315)*
0.05
0.20
y
x
D
E
b
y1
0.155
0.185
0.20
1.90
D
C
B
2
1
A
Pin#1 index area
1
y
C
C
yC
Seating plane
A
B
* Reference value.
CA B
C
b8
× φ
φ × M
φ × M
D
D
e
Z
S-XFBGA8-0.9x1.9-0.50
0.0015g
MASS[Typ.]
TBS-8AV
SXBG0008KB-A
RENESAS Code
JEITA Package Code
Previous Code
ZD
e
A
A1
ZE
A2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com