Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74LVC2G126 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HD74LVC2G126
Description  Dual Bus Buffer with 3-state Output
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LVC2G126 Datasheet(HTML) 1 Page - Renesas Technology Corp

  HD74LVC2G126 Datasheet HTML 1Page - Renesas Technology Corp HD74LVC2G126 Datasheet HTML 2Page - Renesas Technology Corp HD74LVC2G126 Datasheet HTML 3Page - Renesas Technology Corp HD74LVC2G126 Datasheet HTML 4Page - Renesas Technology Corp HD74LVC2G126 Datasheet HTML 5Page - Renesas Technology Corp HD74LVC2G126 Datasheet HTML 6Page - Renesas Technology Corp HD74LVC2G126 Datasheet HTML 7Page - Renesas Technology Corp HD74LVC2G126 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Rev.2.00 Apr 13, 2006 page 1 of 7
HD74LVC2G126
Dual Bus Buffer with 3–state Output
REJ03D0212–0200
Rev.2.00
Apr 13, 2006
Description
The HD74LVC2G126 has dual bus buffer with 3–state output in an 8-pin package. Low voltage and high-speed
operation is suitable for the battery powered products (e.g., notebook computers), and the low power consumption
extends the battery life.
Features
• The basic gate function is lined up as renesas uni logic series.
• Supply voltage range: 1.65 to 5.5 V
• Operating temperature range: –40 to +85°C
• All inputs:
VIH (Max.) = 5.5 V (@VCC = 0 V to 5.5 V)
• All outputs: V
O (Max.) = 5.5 V (@VCC = 0 V)
• Output current:
±4 mA (@VCC = 1.65 V)
±8 mA (@VCC = 2.3 V)
±24 mA (@VCC = 3.0 V)
±32 mA (@VCC = 4.5 V)
• Ordering Information
Part Name
Package Type
Package Code
(Previous Code)
Package
Abbreviation
Taping Abbreviation
(Quantity)
HD74LVC2G126CLE
WCSP–8 pin
SXBG0008KB–A
(TBS–8AV)
CL
E (3,000 pcs/reel)
Article Indication
E 2 6 Y M
Marking
Year code
Month code


Similar Part No. - HD74LVC2G126

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LVC2G00 RENESAS-HD74LVC2G00 Datasheet
63Kb / 8P
Dual 2-Input NAND Gate
HD74LVC2G00CLE RENESAS-HD74LVC2G00CLE Datasheet
63Kb / 8P
Dual 2-Input NAND Gate
HD74LVC2G53 RENESAS-HD74LVC2G53 Datasheet
3Mb / 12P
2-channel Analog Multiplexer/Demultiplexer
HD74LVC2G53CLE RENESAS-HD74LVC2G53CLE Datasheet
3Mb / 12P
2-channel Analog Multiplexer/Demultiplexer
HD74LVC2G53CPE RENESAS-HD74LVC2G53CPE Datasheet
3Mb / 12P
2-channel Analog Multiplexer/Demultiplexer
More results

Similar Description - HD74LVC2G126

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LV2G125A RENESAS-HD74LV2G125A Datasheet
94Kb / 10P
Dual Bus Buffer with 3-state Output
HD74LV2G126A RENESAS-HD74LV2G126A Datasheet
90Kb / 10P
Dual Bus Buffer with 3-state Output
RD74LVC2G125 RENESAS-RD74LVC2G125 Datasheet
1Mb / 8P
Dual Bus Buffer with 3-state Output
HD74ALVC2G125 RENESAS-HD74ALVC2G125 Datasheet
105Kb / 13P
Dual Bus Buffer with 3-state Output
HD74ALVC2G126 RENESAS-HD74ALVC2G126 Datasheet
100Kb / 13P
Dual Bus Buffer with 3-state Output
logo
Toshiba Semiconductor
TC7WZ125FU TOSHIBA-TC7WZ125FU Datasheet
202Kb / 7P
Dual Bus Buffer With 3-STATE Output
TC7WG125FK TOSHIBA-TC7WG125FK_09 Datasheet
234Kb / 9P
Dual Bus Buffer with 3-STATE Output
TC7WG126FK TOSHIBA-TC7WG126FK_09 Datasheet
210Kb / 9P
Dual Bus Buffer with 3-STATE Output
logo
Renesas Technology Corp
HD74ALVC2G125 RENESAS-HD74ALVC2G125_15 Datasheet
130Kb / 15P
Dual Bus Buffer with 3-state Output
HD74ALVC2G126 RENESAS-HD74ALVC2G126_15 Datasheet
125Kb / 15P
Dual Bus Buffer with 3-state Output
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com